Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65115A1908 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # Q65115A1908
Description  SOLERIQ™ S 15
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65115A1908 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button Q65115A1908 Datasheet HTML 10Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 11Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 12Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 13Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 14Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 15Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 16Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 17Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 18Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
GW KAGLB9.KM
DATASHEET
DATASHEET
16 | Version 1.2 | 2025-12-08
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 10 ms, with a tolerance
of +/- 7%.
2)
Reverse Operation: Not designed for reverse operation. Continuous reverse operation can cause mi-
gration and damage of the device.
3)
Forward Voltage: The Forward voltage is measured during a current pulse duration of typically 1 ms
with a tolerance of ± 0.05V .
4)
Color reproduction index: Color reproduction index values (CRI-RA) are measured during a current
pulse of typically 10 ms and with a tolerance of ±2.
5)
Chromaticity coordinate groups: Chromaticity coordinate groups are measured during a current pulse
duration of typically 10ms with a tolerance of ±0.005.
6)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com