Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD154DR Datasheet(PDF) 1 Page - LightGraphix

Part # LD154DR
Description  DEEP RECESSED HIGH-POWER EXTERIOR LED UPLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DR Datasheet(HTML) 1 Page - LightGraphix

  LD154DR Datasheet HTML 1Page - LightGraphix LD154DR Datasheet HTML 2Page - LightGraphix LD154DR Datasheet HTML 3Page - LightGraphix LD154DR Datasheet HTML 4Page - LightGraphix LD154DR Datasheet HTML 5Page - LightGraphix LD154DR Datasheet HTML 6Page - LightGraphix LD154DR Datasheet HTML 7Page - LightGraphix LD154DR Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LD154DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 8 | Data sheet issued: 18 June 2026
KEY FEATURES
DIMENSIONS
>
Extremely low glare, high-output uplight solution with optics deep recessed 39mm
>
New high-power P1 engine with CREE COB delivering upto 1285lm at 500mA
in 3000K
>
E3 engine with NICHIA LED delivering up to 684lm in 3000K offering an exceptional
9° extra narrow beam with peak intensity reaching 15,096cd
>
N1 engine with CREE COB delivering up to 853lm at 700mA in 3000K offering a
13° narrow beam
>
Utilises large 50mm low glare optics, chosen for efficiency, quality of beam and
ability to produce narrow beams at high outputs
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Chamfered bezel available in 316 Stainless Steel, Polished & Passivated Stainless
Steel and a wide range of powder coat paint finishes or any RAL colour
>
Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available
Ø100
99
Ø80
For full dimensions please go to page 4.
DEEP RECESSED HIGH-POWER EXTERIOR
LED UPLIGHT
LD
154DR
The LD154DR is part of our highest output uplight range,
delivering up to 1285lm with optics that are deep recessed
39mm into the body for extremely low glare. The use of large
50mm optics further aid in glare control whilst providing
ultra-high efficiency and superior beam quality. There are 3
LED engine options available. Our new P1 engine delivers
the highest output, whilst the E3 offers an exceptional extra
narrow beam of 9° and the N1, a 13° beam. Reaching heights
of up to 14 metres, the LD154DR demonstrates excellent
size to output ratio and has been designed with a repairable
engine, providing a robust circular solution for low glare,
high-power uplight applications.


Similar Part No. - LD154DR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD154DRG LIGHTGRAPHIX-LD154DRG Datasheet
2Mb / 7P
DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
18 June 2026
LD154DRG-E3-350 LIGHTGRAPHIX-LD154DRG-E3-350 Datasheet
2Mb / 7P
DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
18 June 2026
LD154DRG-E3-500 LIGHTGRAPHIX-LD154DRG-E3-500 Datasheet
2Mb / 7P
DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
18 June 2026
LD154DRG-E3-700 LIGHTGRAPHIX-LD154DRG-E3-700 Datasheet
2Mb / 7P
DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
18 June 2026
LD154DRG-N1-350 LIGHTGRAPHIX-LD154DRG-N1-350 Datasheet
2Mb / 7P
DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
18 June 2026
More results

Similar Description - LD154DR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
ETA-USA
AOLL1-100 ETA-USA-AOLL1-100 Datasheet
1Mb / 4P
100W Exterior LED Driver
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
240W Exterior LED Driver
AOLL1-300 ETA-USA-AOLL1-300 Datasheet
2Mb / 4P
300W Exterior LED Driver
AOLL1-60 ETA-USA-AOLL1-60 Datasheet
1Mb / 4P
60W Exterior LED Drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com