Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD154DR Datasheet(PDF) 4 Page - LightGraphix

Part # LD154DR
Description  DEEP RECESSED HIGH-POWER EXTERIOR LED UPLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DR Datasheet(HTML) 4 Page - LightGraphix

  LD154DR Datasheet HTML 1Page - LightGraphix LD154DR Datasheet HTML 2Page - LightGraphix LD154DR Datasheet HTML 3Page - LightGraphix LD154DR Datasheet HTML 4Page - LightGraphix LD154DR Datasheet HTML 5Page - LightGraphix LD154DR Datasheet HTML 6Page - LightGraphix LD154DR Datasheet HTML 7Page - LightGraphix LD154DR Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LD154DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 8 | Data sheet issued: 18 June 2026
DIMENSIONS AND FIXING OPTIONS
Dimensions in mm
GLARE CONTROL OPTIONS
/SC Spring Clips
Suitable for use in surfaces with a thickness of 1mm –
25mm. Spring clips provide a simple, single fix mounting
method. We recommend that spring clips are only used in
interior applications.
/485S Fixing sleeve and O-rings
Acetal sleeve is bonded into the mounting surface first
and the fitting is held in with O-rings. We recommend this
method for mounting in exterior in-ground applications.
/485GT Ground Tube
Designed for soil or gravel surfaces. It is supplied with the
fixing sleeve bonded into the tube and can be cut down on
site. The tube can be buried with the necessary wiring via
the PG9 IP67 gland and then the fitting installed after the
landscaping work has been completed.
/486N Concrete Housing
The aluminium housing is used as a heat sink which keeps the LED fitting cool through the thermal transfer of the heat within the housing to the surrounding concrete. The housings are big
enough for IP rated connections to be made inside and a second gland is available for cabling onto the next luminaire.
/486N
Concrete housing with 1x PG9 IP67 gland
/486N-2
Concrete housing with 2x PG9 IP67 gland
/486N
Concrete Can Housing
3
141
Ø170
24
Ø100
Ø100
Ø170
141
3
24
/SC
Mounting Springs
85 99
Ø80
Cut-out Ø86
3
39
Ø100
3
85 99
Ø80
Cut-out Ø86
39
/485S
Mounting Sleeve
Ø100
/484GT
Ground Tube
3
120
Ø100
Ø100
Ø100
Ø100
Ø80
Ø80
Cut-out Ø86
Cut-out Ø86
3
3
85
85
120
99
99
39
39
3
/GSHM154
Half-moon glare shield
For applications that require low
glare. Lumen output is typically
reduced by 60% with no light lost
on the lit surface.
/GSOB154
Oval beam glare shield
Reduces the angles at which glare
is visible without compromising
the oval output of the beam.
Useful when used in applications
where glare can be seen from two
sides, for example archways.
/HL
Honeycomb Louvre
Helps reduce glare from all
angles and can be used with
glare shields.
/GS154
Glare shield
Standard glare shield, which
provides an excellent balance
between glare control and light
output. This accessory works well
in most applications.
/NGS
No glare shield
No glare shield. Low glare optic
and matt black anodised optic
holder aids in glare reduction.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com