Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSC2 Datasheet(PDF) 4 Page - Clarke International

Part # WSC2
Description  WELDING SCREEN FRAME
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

WSC2 Datasheet(HTML) 4 Page - Clarke International

  WSC2 Datasheet HTML 1Page - Clarke International WSC2 Datasheet HTML 2Page - Clarke International WSC2 Datasheet HTML 3Page - Clarke International WSC2 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY
1. Connect the top/bottom tubes (A) to the corner tubes (B & C), noting that
the limb of (C) must point downwards.
• The spring-loaded pins on the tubes will spring into place for security.
2. If required, for creating a fence of screens, slide the welding screen
connecting tubes (E) onto the side tubes (D) until they rest against the
lower of the two spring loaded pins.
3. Join the side tubes (D) to the corner tubes (B & C) to complete the frame.
4. Connect the bottom corner tubes (C) to the base supports (F) and secure
by tightening the wingnuts (H).
5. Fit the castors (G) to the base supports, securing them with the domed nuts
(J). Lock in position using a 13mm wrench on the caster locknut and a
14mm wrench on the dome nut.
6. Attach the welding screen (K) to the frame using the cable ties supplied.
7. Take care to attach all the cable ties from the same side and initially
connect loosely before tightening them equally all around the screen.
8. The welding screen may be prevented from moving by applying the
brakes on one pair of casters. Press down with your foot on the brake levers
to apply the brakes. Lift the lever up to release



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com