Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSC2 Datasheet(PDF) 3 Page - Clarke International

Part # WSC2
Description  WELDING SCREEN FRAME
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

WSC2 Datasheet(HTML) 3 Page - Clarke International

  WSC2 Datasheet HTML 1Page - Clarke International WSC2 Datasheet HTML 2Page - Clarke International WSC2 Datasheet HTML 3Page - Clarke International WSC2 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS
SPECIFICATIONS
A
Top/bottom tubes
2
BTop corner tubes
2
C
Bottom corner tubes
2
DSide tubes
2
E
Welding screen connecting tubes
2
F
Base supports
2
G
Castors (2 with parking brakes)
4
H
Wingnuts
2
J
Castor domed nuts
4
K
Welding screen
1
Weight
5.35 kg
Dimensions (D x L x H)
660 x 1795 x 1965 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com