Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T02_03 Datasheet HTML 7Page - STMicroelectronics M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics M48T02_03 Datasheet HTML 10Page - STMicroelectronics M48T02_03 Datasheet HTML 11Page - STMicroelectronics M48T02_03 Datasheet HTML 12Page - STMicroelectronics M48T02_03 Datasheet HTML 13Page - STMicroelectronics M48T02_03 Datasheet HTML 14Page - STMicroelectronics M48T02_03 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M48T02, M48T12
Figure 10. Power Down/Up Mode AC Waveforms
Note: Inputs may or may not be recognized at this time. Caution should be taken to keep E high as VCC rises past VPFD (min). Some systems
may perform inadvertent WRITE cycles after VCC rises above VPFD (min) but before normal system operations begin. Even though a
power on reset is being applied to the processor, a reset condition may not occur until after the system clock is running.
Table 9. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 10. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
3. At 25°C; VCC = 0V.
Symbol
Parameter(1)
Min
Max
Unit
tPD
E or W at VIH before Power Down
0µs
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
0µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
E or W at VIH before Power Up
2ms
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T02
4.5
4.6
4.75
V
M48T12
4.2
4.3
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(3)
Expected Data Retention Time
10
YEARS
AI00606
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tREC
tPD
tRB
tDR
VALID
VALID
NOTE
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com