Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics M48T02_03 Datasheet HTML 10Page - STMicroelectronics M48T02_03 Datasheet HTML 11Page - STMicroelectronics M48T02_03 Datasheet HTML 12Page - STMicroelectronics M48T02_03 Datasheet HTML 13Page - STMicroelectronics M48T02_03 Datasheet HTML 14Page - STMicroelectronics M48T02_03 Datasheet HTML 15Page - STMicroelectronics M48T02_03 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
M48T02, M48T12
12/19
CLOCK OPERATIONS
Reading the Clock
Updates to the TIMEKEEPER® registers should
be halted before clock data is read to prevent
reading data in transition. The BiPORT™ TIME-
KEEPER cells in the RAM array are only data reg-
isters and not the actual clock counters, so
updating the registers can be halted without dis-
turbing the clock itself.
Updating is halted when a '1' is written to the
READ Bit, the seventh bit in the control register.
As long as a '1' remains in that position, updating
is halted. After a halt is issued, the registers reflect
the count; that is, the day, date, and the time that
were current at the moment the halt command was
issued.
All of the TIMEKEEPER registers are updated si-
multaneously. A halt will not interrupt an update in
progress. Updating is within a second after the bit
is reset to a '0.'
Setting the Clock
The eighth bit of the control register is the WRITE
Bit. Setting the WRITE Bit to a '1,' like the READ
Bit, halts updates to the TIMEKEEPER registers.
The user can then load them with the correct day,
date, and time data in 24 hour BCD format (on Ta-
ble 11). Resetting the WRITE Bit to a '0' then trans-
fers the values of all time registers (7F9-7FF) to
the actual TIMEKEEPER counters and allows nor-
mal operation to resume. The FT Bit and the bits
marked as '0' in Table 11 must be written to '0' to
allow for normal TIMEKEEPER and RAM opera-
tion.
See the Application Note AN923, “TIMEKEEPER®
Rolling Into the 21st Century” for information on
Century Rollover.
Table 11. Register Map
Keys: S = SIGN Bit
FT = FREQUENCY TEST Bit (Set to '0' for normal clock operation)
R = READ Bit
W = WRITE Bit
ST = STOP Bit
0 = Must be set to '0'
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FF
10 Years
Year
Year
00-99
7FE
0
0
0
10 M
Month
Month
01-12
7FD
0
0
10 Date
Date
Date
01-31
7FC
0
FT
0
0
0
Day
Day
01-07
7FB
0
0
10 Hours
Hours
Hours
00-23
7FA
0
10 Minutes
Minutes
Minutes
00-59
7F9
ST
10 Seconds
Seconds
Seconds
00-59
7F8
W
R
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com