Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDEMERGENCYPACKS-EP4 Datasheet(PDF) 1 Page - LightGraphix

Part # LEDEMERGENCYPACKS-EP4
Description  Emergency pack for constant current LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LEDEMERGENCYPACKS-EP4 Datasheet(HTML) 1 Page - LightGraphix

  LEDEMERGENCYPACKS-EP4 Datasheet HTML 1Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 22 December 2023 1:25 pm
Data sheet page 1
LED Emergency Packs - EP4
Emergency pack for constant current LEDs
Supply Voltage
230-240 Volts AC 50/60 Hz
Power Rating
3.2 Watts
Power Factor
0.4
Duration
3 hours
Ambient Temp
0°C to + 50°C
Max case temperature
70°C
Max battery temperature
55°C
Terminal blocks
0.5-1.5mm² Push Wire terminal
Battery fuse
Internal
Supply fuse
N/A
Battery pack
3.2V 3.6Ah LiFePO4 Cell
Charge current
0-250mA
Recharge period
24 hours
Specification
Output Current (mA)
Number of fittings
Example product
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Single LED fittings
LD41, LD72
560mA
320mA
230mA
180mA 145mA 120mA
105mA
90mA
80mA
75mA
70mA
60mA
55mA
55mA
3 die LED fittings
LD52, LD75
230mA
120mA
80mA
60mA
4 die LED fittings
LD151, LD153
180mA
90mA
60mA
6 die LED fittings
LD1250, LD1210 120mA
60mA
COB LED
LD1080, LD1092 120mA
60mA
The Ballast Lumen Factor is the output of the LED in emergency mode, and is described as a percentage of the output in normal operation
Ballast Lumen Factor
Dimensions
•
Slim Module Suitable for Restricted Applications
•
Deep Discharge Protection
•
Low Power Consumption
•
Long Life LiFePO4 Batteries
•
Strain Relief Module
•
Suitable for 40mm or Greater Apertures
•
Average Emergency Power - 2.1W
A 3 hour emergency lighting conversion kit which operates
with Long Life LiFePO4 batteries. The unit is designed to suit an
extremely wide range of LED types and circuits. The NLP/1/TP40
automatically adjusts the output LED current to provide the best
match between the battery and the load, providing maximum
illumination whilst ensuring full battery duration. The batteries
used with this unit not only provide double the life of traditional
emergency lighting batteries, but consume far less power during
their operational life.
Order Codes
NLP/1/TP40
For LED loads operating in the Voltage range of 6 - 55 Volts.
For remote use
NLP/1/80/TP40
For LED loads operating in the Voltage range of 6 - 80 Volts.
For remote use
Technical Details:
Mains Supply
230-240V AC 50/60 Hz
Max Ta and Tc
Ta - 50 °C - Tc - 70 °C
Power Rating
3.2W 35mA λ = 0.40
Max Battery Tc
55 °C
Duration
3 Hours
Battery Discharge Current
900mA nominal
Recharge Period
24-Hours
Discharge Voltage Limit
2.4 Volts
Battery Size & Type
3.2V 3.6Ah LiFePO4 Cell Ingress Protection
IP20
Charge Current
Dual Rate 0-250mA
Terminal - Push Wire
0.5mm² - 1.5 mm²
Module Weight
0.21Kg
Module Dimensions (LxWxH)
231 x 33.6 x 22.5 (f/c 224mm)
Battery Weight
0.13Kg
Battery Dimensions (LxØ)
94 x 34.5
Tel +44 (0)1708 372223 | www.liteplan.com | customerservice@liteplan.com | RM3 0AP. UK
Technical Specification
NLP/1/TP40 - LED Conversion Range
Liteplan reserve the right to change colour, price or specification without prior notice
ISS 061118
There are 2 main versions available -
The NLP/1/TP40 is supplied as a conversion kit with strain relief
cables for remote mounting.
EP4
Dimensions - Module 231 x 34 x 23mm
Total weight
1.0Kg
34
34
231
231
23
23
Order Codes
BLF can be worked out by dividing the current in emergency (see above) by the
normal running current.
E.g. for 3 LEDs normally run at 700mA the BLF will be 250mA ÷ 700mA = 36%.
Luminaire Power 5W
7W 10W 14W
BLF
60% 43% 30% 21%
Emergency pack option
Code
EP4 (NLP/1/TP40)
EP4
3Hr emergency lighting conversion kits designed to suit a wide variety of LED types and circuits. They are designed to be installed by breaking into the low voltage
connection between the mains LED driver and the LEDs and allows the LEDs to be operated as normal under mains healthy conditions and operated at reduced light output
in an emergency. The emergency driver is designed to automatically adjust the LED output current to provide the best match between the battery and the load, providing
maximum illumination whilst ensuring full battery duration.
The emergency pack will need a specified LED driver to run the LEDs when not in emergency mode.
Installation & Wiring Instructions
NLP/1/TP40 Remote Conversion Kit
PLEASE READ THESE INSTRUCTIONS BEFORE COMMENCING INSTALLATION & LEAVE WITH END USER
Typical
Conversion
Wiring Diagram
Tel +44 (0)1708 372223 | www.liteplan.com | customerservice@liteplan.com | RM3 0AP. UK
Liteplan reserve the right to change colour, price or specification without prior notice
ISS 140818
Luminaire Ref/Location
In Case of difficulty, contact the Installation Engineers:-
Tel:
Full Recharge Time 24 Hours
Duration 3 Hours
Lamp Type - LED
ROUTINE TEST RECORD
Year 1
Year 2
Year 3
Year 4
Year 5
Monthly Test
Signed
Date
Signed
Date
Signed
Date
Signed
Date
Signed
Date
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Three Hour
Testing/Commisioning:
•
Ensure the load is connected.
•
Connect the battery.
•
Switch on the Unswitched Supply - Check the Charge LED illuminates.
•
Switch on the Maintained Supply - Check the LED illuminates as normal.
•
Switch off the Maintained Supply.
•
Switch off the Unswitched Supply - Check the Charge LED extinguishes and the load LED illuminates at a reduced output.
•
Enter the commissioning date on the Battery Pack. Switch on the Unswitched Supply
EP4 - (NLP/1/TP40)
Emergency LED driver and batteries
supplied in a kit. Specified driver
supplied and wired separately.
EP4 (NLP/1/TP40)
Emergency pack
supplied with 4-pin
connector


Similar Part No. - LEDEMERGENCYPACKS-EP4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
Driving LEDs
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
More results

Similar Description - LEDEMERGENCYPACKS-EP4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com