Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC3M64G53-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC3M64G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC3M64G53-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC3M64G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
仕様書番号
Drawing No. JGC42-4929
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 11/13
第1図
外形寸法図
Figure 1.
Dimensions
W: 7.2±0.2
L: 3.0±0.2
T: 1.55±0.05
:
社標
Vender's Code
:
製造年月度
EIAJ Monthly
Code
単位
:mm
in mm
第2図
発振周波数測定回路
Figure 2.
Test Circuit
CERALOCK
®:
CSTCC3M64G53-R0
CSTCC3M64G53-B0
IC:1/6 CD4069UBE x2
(RCA)
VDD:+5±0.1V
Rf:1MΩ
(3)
(2)
(1)
6.6max.
W
1.2±0.2
0.45(ref.)
0.45(ref.)
0.45(ref.)
0.3±0.30
0.5±0.05
1.4±0.2
1.2±0.2
1.1±0.1
2.5±0.1
2.5±0.1
*
364
1.2
1.4
1.2
1.2
1.2
ランド
Land Pattem
2.5
2.5
(推奨ランド寸法)
(Recommendable Land Pattern)
出力
(周波数カウンターへ)
(To Frequency Counter)
Output
VDD
C1
C2
Rf
(1)
(3)
(2)
CERALOCK
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com