Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC3M64G53-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC3M64G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC3M64G53-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CSTCC3M64G53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
仕様書番号
Drawing No. JGC42-4929
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 3/13
5. 機械的性能 Physical Characteristics
項
目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
5-1 耐落下衝撃
Random Drop
1.0mの高さから木板床面に3回自然落下させた
後測定する。
Components shall be measured after 3 times
random dropping on the wooden plate from the
height of 1.0m.
外観に異常がなく、表
1 及び 4-3 を満 足 しま
す。
No visible damage and
the measured values
shall meet Table 1 and
4-3.
5-2 耐振動性
Vibration
Resistance
振動周波数10~55Hz、全振幅1.5mmの振動を
X,Y,Zの3方向に各2時間加えた後測定する。
Applying the vibration of amplitude 1.5mm and
vibration frequency 10 to 55Hz in each of 3
perpendicular directions for 2 hours.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
5-3 基板たわみ強度
Bend Strength
PCB
下図に示す様に加圧し、1回1秒の割合で5回加
圧する。
After components soldered on PCB, the load
shall be applied to the PCB as shown in below
figure for 5 times (1 second per 1 time).
20
10
Part
PCB
R10
45
45
Load
Deflection
Stick
5 Supporter
φ
1 Off-Center
加圧棒
加圧
1センターズレ
部品
5支持台
たわみ
±
φ
±
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com