Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL15-M1J-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SL15-M1J-R
Description  Flashing Beacons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL15-M1J-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SL15-M1J-R Datasheet HTML 1Page - PATLITE CORPORATION. SL15-M1J-R Datasheet HTML 2Page - PATLITE CORPORATION. SL15-M1J-R Datasheet HTML 3Page - PATLITE CORPORATION. SL15-M1J-R Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
[1.General Specifications]
Conforms to the CE Requirements
SL15-M2JN
Blinking (180 flashes per minute), Triple-flash(120 flashes per minute)
Flashing Rate (Typ.)
EN61000-6-4, EN61000-6-2
EN61000-3-2, EN61000-3-3
EMC Directive
EN61000-6-2
RoHS Directive
KC
and non-current carrying metallic part
without breaking insulation
Environmental Condition
Insulation Resistance
and non-current carrying metallic part
and non-current carrying metallic part
and non-current carrying metallic part
500V AC applied for 1min between live part
SL15-M2KTN
SL15-M□JN
Storage Ambient Humidity
SL15-M□KTN
Mounting Direction
Less than 90 % (No condensation)
Indoor : Upright, Inverted & Sideways
Max.
Mounting Location
-30℃ to +60℃
240V AC
0.06A
Upright
Rated Power
Consumption
Storage Ambient Temperature
Operating Voltage Range
10-30V DC
100V AC
0.14A
12V DC
24V DC
0.40A
0.20A
90-250V AC
Rated Current
Consumption
12-24V DC
Outdoor : Upright
-20℃ to +50℃
Less than 90 % (No condensation)
0.89kg
SL15-M1KTN
0.86kg
0.89kg
Model
SPECIFICATIONS
Rated Voltage
SL15-M2□□N-□
SL15-M1□□N-□
100-240V AC (50/60Hz)
Product Name
Flashing Beacons
Drawing No.
Rev.
SL15-M1JN-
W18
G
Page
Withstand Voltage
EN IEC 63000
FCC Part15 SubpartB ClassA, ICES-003 ClassA
Mass (Typ.)
IP66/NEMA TYPE 4X,13
EN61000-6-4
FCC
4,000V AC applied for 1min between live part
without breaking insulation
Protection Rating
KN61000-6-4, KN61000-6-2
0.86kg
UL and Low Voltage Directive have been evaluated for use
SL15-M1JN
in indoor industrial control equipment.
Due to the characteristics of the LED elements, there may be a slight variation in color
tone and brightness between products.
UL508, CSA-C22.2 No.14 (UL File No.E215660)
Max.
5.6W
4.8W
More than 1MΩ at 500V DC between live part More than 3MΩ at 500V DC between live part
IP23
Operating Ambient Temperature
Operating Ambient Humidity
Indoor/Outdoor
Conforms to the UKCA Requirements
Conformity
Standards
Low Voltage
Directive
IEC/EN60947-5-1,EN62471
UL
Remarks
1/4


Similar Part No. - SL15-M1J-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SL15 SEMTECH-SL15 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Micro Commercial Compon...
SL15 MCC-SL15 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL15 MICROSEMI-SL15 Datasheet
89Kb / 2P
TVSarray Series
logo
Shenzhen Luguang Electr...
SL15 LUGUANG-SL15 Datasheet
152Kb / 2P
TVS Array Series
logo
Galaxy Semi-Conductor H...
SL15 BILIN-SL15 Datasheet
115Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL15-M1J-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF3508A ETC1-HF3508A Datasheet
38Kb / 1P
Automotive Flashing Relays
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
OptoSupply Internationa...
OSB5SS3131A OPTOSUPPLY-OSB5SS3131A Datasheet
96Kb / 1P
3mm Flashing Blue LED
OSR5SS3131A OPTOSUPPLY-OSR5SS3131A Datasheet
96Kb / 1P
3mm Flashing Red LED
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
OptoSupply Internationa...
OSXS0805C1E OPTOSUPPLY-OSXS0805C1E Datasheet
103Kb / 1P
Single chip Flashing Type
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
LED flashing light,
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
SHENZHEN FUMAN ELECTRON...
SC0691 FUMAN-SC0691 Datasheet
72Kb / 1P
LCD driver flashing IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com