Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS35-800 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MDS35-800
Description  DIODE / SCR MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MDS35-800 Datasheet(HTML) 2 Page - STMicroelectronics

  MDS35-800 Datasheet HTML 1Page - STMicroelectronics MDS35-800 Datasheet HTML 2Page - STMicroelectronics MDS35-800 Datasheet HTML 3Page - STMicroelectronics MDS35-800 Datasheet HTML 4Page - STMicroelectronics MDS35-800 Datasheet HTML 5Page - STMicroelectronics MDS35-800 Datasheet HTML 6Page - STMicroelectronics MDS35-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MDS35 / 50 / 80 Series
2/7
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
SCR
DIODE
Symbol
Test Conditions
MDS
Unit
35
50
80
IGT
VD =12 V
RL =30 Ω
MIN.
5
10
mA
MAX.
50
100
VGT
MAX.
1.3
V
VGD
VD =VDRM
RL =3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
80
mA
IL
IG =1.2 IGT
MAX.
120
mA
dV/dt
VD =67% VDRM Gate open
Tj = 125°C
MIN.
1000
V/µs
VTM
ITM = 80 A
tp = 380 µs
Tj = 25°C
MAX.
1.7
-
-
V
ITM = 110 A
tp=380µs
-1.75
-
ITM = 170 A
tp=380µs
--
1.75
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
11
7.0
5.5
m
Ω
IDRM
IRRM
VDRM /VRRM RATED
Tj = 25°C
MAX.
20
µA
Tj = 125°C
10
mA
Symbol
Test Conditions
MDS
Unit
35
50
80
VF
IF =80 A
Tj = 25°C
MAX.
1.7
-
-
V
IF = 110 A
-1.7
-
IF = 170 A
--
1.7
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
11
7.0
5.5
m
Ω
IR
VR =VRRM
Tj = 25°C
MAX.
20
µA
Tj = 125°C
10
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com