Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS35-800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MDS35-800
Description  DIODE / SCR MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MDS35-800 Datasheet(HTML) 1 Page - STMicroelectronics

  MDS35-800 Datasheet HTML 1Page - STMicroelectronics MDS35-800 Datasheet HTML 2Page - STMicroelectronics MDS35-800 Datasheet HTML 3Page - STMicroelectronics MDS35-800 Datasheet HTML 4Page - STMicroelectronics MDS35-800 Datasheet HTML 5Page - STMicroelectronics MDS35-800 Datasheet HTML 6Page - STMicroelectronics MDS35-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MDS35/ 50 / 80Series
DIODE / SCR MODULE
December 2000 - Ed: 4
MAIN FEATURES:
DESCRIPTION
Packaged in ISOTOP modules, the MDS Series is
based on the half-bridge SCR-diode configuration.
They are suitable for high power applications,
using phase controlled bridges, such as soft-start
circuits,
welding
equipment,
motor
speed
controller. The compactness of the ISOTOP
package allows high power density and optimized
power bus connections. Thanks to their internal
ceramic pad, they provide high voltage insulation
(2500V RMS), complying with UL standards (File
ref: E81734).
Symbol
Value
Unit
IT(RMS)
50-70-85
A
VDRM/VRRM
800 and 1200
V
IGT
50 and 100
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
35
50
80
IT(RMS)
RMS on-state current
50
70
85
A
IT(AV)
Average on-state current
(Single phase-circuit, 180° conduction angle per device)
Tc = 85°C
253555
A
ITSM
IFSM
Non repetitive surge peak on-state
current (Tj initial = 25°C)
tp = 8.3 ms
Tj = 25°C
420
630
730
A
tp = 10 ms
400
600
700
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
800 1800 2450
A2S
dI/dt
Critical rate of rise of on-state current
IG =2 x IGT ,tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40to+ 150
- 40to+ 125
°C
VRGM
Maximum peak reverse SCR gate voltage
5
V
ISOTOP®
ISOTOP is a registred trademark of STMicroelectronics
PIN CONNECTIONS


Similar Part No. - MDS35-800

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MDS35-800 KERSEMI-MDS35-800 Datasheet
648Kb / 7P
DIODE / SCR MODULE
More results

Similar Description - MDS35-800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Kersemi Electronic Co.,...
MDS35-800 KERSEMI-MDS35-800 Datasheet
648Kb / 7P
DIODE / SCR MODULE
logo
Powerex Power Semicondu...
LD421843 POWEREX-LD421843 Datasheet
354Kb / 5P
Dual SCR/Diode Isolated Module
ND420625 POWEREX-ND420625_12 Datasheet
144Kb / 5P
Dual SCR/Diode Isolated Module
ND420821 POWEREX-ND420821 Datasheet
140Kb / 4P
Dual SCR/Diode Isolated Module
CD620815B POWEREX-CD620815B Datasheet
115Kb / 4P
Dual SCR/Diode Isolated Module
CD420890C POWEREX-CD420890C Datasheet
461Kb / 4P
Dual SCR/Diode Isolated Module
CD420890B POWEREX-CD420890B Datasheet
120Kb / 4P
Dual SCR/Diode Isolated Module
PD421207 POWEREX-PD421207_12 Datasheet
376Kb / 5P
Dual SCR / Diode Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
Dual SCR/Diode Isolated Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com