Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MISTRAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # MISTRAL
Description  AC/DC Multirange FAST CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MISTRAL Datasheet(HTML) 1 Page - STMicroelectronics

  MISTRAL Datasheet HTML 1Page - STMicroelectronics MISTRAL Datasheet HTML 2Page - STMicroelectronics MISTRAL Datasheet HTML 3Page - STMicroelectronics MISTRAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
LINE VOLTAGE 90 - 264 VAC
SINGLE OUTPUT MAX 8W
DESIGNED FOR ON LINE CHARGING OF
MOBILE PHONES
EMC COMPLIANCE ACCORDING TO EU
AND US DIRECTIVES
SAFETY
APPROVAL
ACCORDING
TO
EN60950
CE AND UL MARKED. AUSTRALIA, UK,
SOUTH AFRICA
AND CHINA MARKING
UPON REQUEST
OUTPUT CURRENT AND VOLTAGE LEVELS
ACCORDING TO CUSTOMER REQUIRE-
MENTS
OUTPUT VOLTAGE PRECISION: +/- 5%
OUTPUT CURRENT PRECISION : +/- 12%
OUTPUT RIPPLE VOLTAGE <100 mVpp
INPUT FUSE PROTECTION
OUTPUT SHORT CIRCUIT PROTECTION
2 WIRES DC CORD TERMINATED WITH
ANY CUSTOM CONNECTOR
AVAILABLE WITH A VARIETY OF AC PLUGS
LOW STAND BY POWER
DESCRIPTION
The Fast Charger MISTRAL has been designed
for charging NiMH and NiCd batteries in hand
held mobile phones. MISTRAL is a low cost high
efficiency AC/DC switching mode constant volt-
age & current generator. The output voltage and
current levels are set up by design in accordance
with customer requirements.
January 2000
®
PRODUCT VIEW
(Robin Housing, all plug types)
ORDERING NUMBER: GSAC-xxCCCy
MISTRAL
AC/DC Multirange FAST CHARGER
Rev. 01
Plug Type:
Part Number:
EURO
GSAC-xxCCC1
UK
GSAC-xxCCC2
US
GSAC-xxCCC3
AUSTRALIA
GSAC-xxCCC4
INDIA/S. Africa
GSAC-xxCCC5
CHINA
GSAC-xxCCC6
xx = Output Current level (2 Digits)
CCC= Customer Identifier (3 Digits)
y = plug type
1/4


Similar Part No. - MISTRAL

ManufacturerPart #DatasheetDescription
logo
ABB
MISTRAL65 ABB-MISTRAL65 Datasheet
571Kb / 18P
A point of reference. For simplicity and effectiveness A complete series, versatile and esay to install
More results

Similar Description - MISTRAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GHIBLI STMICROELECTRONICS-GHIBLI Datasheet
84Kb / 4P
AC/DC UNIVERSAL FAST CHARGER
Rev. 01
JOSEPH STMICROELECTRONICS-JOSEPH Datasheet
80Kb / 4P
AC/DC Single/Multirange CHARGER
Jan-2000
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
Mean Well Enterprises C...
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
Analog Devices
AD2033 AD-AD2033_15 Datasheet
1Mb / 4P
MULTIRANGE METER
logo
Broadband TelCom Power,...
L3R-100-480 BTCPOWER-L3R-100-480 Datasheet
252Kb / 1P
100 kW DC Fast Charger
L3S-50-480-01-003 BTCPOWER-L3S-50-480-01-003 Datasheet
272Kb / 1P
50 kW Slim Line DC Fast Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com