Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-PSLM31-DM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-PSLM31-DM
Description  DURIS® S 5
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-PSLM31-DM Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-PSLM31-DM Datasheet HTML 1Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 2Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 3Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 4Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 5Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 6Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 7Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 8Page - ams-OSRAM AG GW-PSLM31-DM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GW PSLM31.DM
1 Version 1.2 | 2020-07-14
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GW PSLM31.DM
DURIS® S 5
The compact, mid-power Duris® S 5 LED with in-
dustry standard 3030 package that comes with high
efficacy, color quality and long lifetime. Ideal choice
for indoor General Lighting applications.
—
Architecture / Garden Lighting (LED & Laser)
—
Mood Lighting
Features:
—
Package: white SMT package, colored diffused resin
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color temperature: 3540K - 5000K
—
ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
—
Luminous Flux: typ. 22 lm @ 5000 K
—
Luminous efficacy: typ. 119 lm/W @ 5000 K


Similar Part No. - GW-PSLM31-DM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-PSLM31-CM AMSOSRAM-GW-PSLM31-CM Datasheet
1Mb / 24P
DURIS® S 5
Version 1.5 2019-11-28
GW-PSLM31-EM AMSOSRAM-GW-PSLM31-EM Datasheet
1Mb / 25P
DURIS® S 5
Version 1.5 2019-12-06
GW-PSLM31-FM AMSOSRAM-GW-PSLM31-FM Datasheet
1Mb / 22P
DURIS® S 5
Version 1.7 2021-07-26
GW-PSLM31-WB AMSOSRAM-GW-PSLM31-WB Datasheet
1Mb / 23P
DURIS® S 5
Version 1.4 2022-05-11
More results

Similar Description - GW-PSLM31-DM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com