Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2012 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMLM2012
Description  SMA High Power Limiter, 5 MHz to 21 GHz, 10W Peak Power, 18 dBm Flat Leakage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMLM2012 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMLM2012 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 9Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
4
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA High Power Limiter, 5 MHz to 21 GHz,
10W Peak Power, 18 dBm Flat Leakage
FMLM2012
Output VSWR @+25
℃℃
Insertion Loss @-40
℃℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com