Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2012 Datasheet(PDF) 10 Page - Infinite Electronics International, Inc.

Part # FMLM2012
Description  SMA High Power Limiter, 5 MHz to 21 GHz, 10W Peak Power, 18 dBm Flat Leakage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMLM2012 Datasheet(HTML) 10 Page - Infinite Electronics International, Inc.

Back Button FMLM2012 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 9Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 10Page - Infinite Electronics International, Inc. FMLM2012 Datasheet HTML 11Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
10
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA High Power Limiter, 5 MHz to 21 GHz,
10W Peak Power, 18 dBm Flat Leakage
FMLM2012
URL: https://www.fairviewmicrowave.com/high-power-limiter-sma-10w-peak-power-18-dbm-flat-leakage-50-to-21-ghz-
fmlm2012-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to
the part and/or the documentation of the part in order to impliment improvements. Fairview Microwave reserves the right to make such changes as required. Unless otherwise stated,
all specifications are nominal. Fairview Microwave does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and
Fairview Microwave does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com