Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2016 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMLM2016
Description  SMA High Power Limiter, 500 MHz to 6 GHz, 100W Peak Power, 16 dBm Flat Leakage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMLM2016 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMLM2016 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 9Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA High Power Limiter, 500 MHz to 6 GHz,
100W Peak Power, 16 dBm Flat Leakage
FMLM2016
Features
• 50 Watt Input Power(CW)
• 500 MHz to 6 GHz Frequency Range
• 1dB Insertion Loss max.
• VSWR 2:1
• Leakage @ 1 Watt CW +16 dBm Max
• Peak Power Leakage +18 dBm
• +100 Watt Peak Input Power
• Field Replaceable SMA Connectors
• Heatsink Attached
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
• Protects low noise amplifiers and other devices from ESD or
input power damage
• Receiver Protection
• Weapon systems
Description
The FMLM2016 is a Signal Limiter that operates in the 500 MHz to 6 GHz frequency range. The Limiter has up to 50 Watts CW input power
handling capability with a 16 dBm max leakage output power level and +100 Watt peak input power. Typical performance incudes 1 dB max
insertion loss, 2:1 typical input VSWR. The low profile pin package supports field replaceable SMA connectors. The module has an operational
temperature range from -40°C to 85°C and is guaranteed to meet a series of environmental test conditions for Altitude, Vibration, Humidity
and Shock.
Electrical Specifications
Description
Min
Typ
Max
Unit
Frequency Range
0.5
6
GHz
Insertion Loss
0.8
1
dB
Input VSWR
1.8:1
2:1
Output VSWR
1.8:1
2:1
Leakage (CW) @ 1 Watt CW
+16
dBm
Leakage (Peak)
+18
dBm
Input Power (CW)
50
Watt
Input Power (Peak)
@10us pulse, 10% Duty Cycle
100
Watt
Mechanical Specifications
Size
Length
0.79 in [20.07 mm]
Width
0.71 in [18.03 mm]
Height
0.39 in [9.91 mm]
Weight
0.4 lbs [181.44 g]
Body Material and Plating
Aluminum
Configuration
Style
High Power Limiter
Connector 1
SMA Female


Similar Part No. - FMLM2016

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMLM2010 FAIRVIEW-FMLM2010 Datasheet
581Kb / 12P
SMA High Power Limiter, 50 MHz to 6 GHz, 100W Peak Power, 16.5 dBm Flat Leakage
REV 2B
FMLM2011 FAIRVIEW-FMLM2011 Datasheet
622Kb / 11P
SMA High Power Limiter, 1 GHz to 18 GHz, 10W Peak Power, 19 dBm Flat Leakage
REV A
FMLM2012 FAIRVIEW-FMLM2012 Datasheet
583Kb / 11P
SMA High Power Limiter, 5 MHz to 21 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV A
FMLM2013 FAIRVIEW-FMLM2013 Datasheet
618Kb / 12P
SMA High Power Limiter, 1 GHz to 18 GHz, 1W CW Power, -20 dBm Flat Leakage
REV A
FMLM2014 FAIRVIEW-FMLM2014 Datasheet
527Kb / 11P
2.92mm High Power Limiter, 2 GHz to 26 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV B
More results

Similar Description - FMLM2016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8028 PASTERNACK-PE8028 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 14 dBm Flat Leakage, 500 MHz to 1,000 MHz
PE8029 PASTERNACK-PE8029 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 500 MHz to 2 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8037 PASTERNACK-PE8037 Datasheet
696Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PE8017 PASTERNACK-PE8017 Datasheet
641Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 20 dBm Flat Leakage, 500 MHz to 1,000 MHz
PE8018 PASTERNACK-PE8018 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 500 MHz to 2 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
PE8036 PASTERNACK-PE8036 Datasheet
700Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 7 GHz to 12 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com