Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2016 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMLM2016
Description  SMA High Power Limiter, 500 MHz to 6 GHz, 100W Peak Power, 16 dBm Flat Leakage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMLM2016 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMLM2016 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMLM2016 Datasheet HTML 9Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA High Power Limiter, 500 MHz to 6 GHz,
100W Peak Power, 16 dBm Flat Leakage
FMLM2016
Connector 2
SMA Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-50 to +105 deg C
Humidity
100% RH at 35?, 95%RH at 40?
Shock
20G for 11msec half sine wave,3 axis both directions
Vibration
25g RMS (15 degrees 2KHz) endurance, 1 hour per axis
Altitude
35,000 ft. (Epoxy Sealed Controlled environment)
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Values at 25°C, sea level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com