Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TACDFM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F526TACDFM Datasheet HTML 1Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 2Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 3Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 4Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 5Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 6Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 7Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 4 of 142
Oct 31, 2024
RX26T Group
1. Overview
DMA
DMA controller
(DMACAa)
 8 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Request sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
Data transfer controller
(DTCb)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Request sources: External interrupts and interrupt requests from peripheral functions
I/O ports
Programmable I/O ports
 I/O ports for the 100-pin LFQFP
I/O pins: 82
Input pin: 1
Pull-up resistors: 82
Open-drain outputs: 82
5-V tolerance: 2
Large current output: 15
 I/O ports for the 80-pin LFQFP
I/O pins: 62
Input pin: 1
Pull-up resistors: 62
Open-drain outputs: 62
5-V tolerance: 2
Large current output: 14
 I/O ports for the 64-pin LFQFP, 64-pin HWQFN
I/O pins: 49
Input pin: 1
Pull-up resistors: 49
Open-drain outputs: 49
5-V tolerance: 2
Large current output: 14
 I/O ports for the 48-pin LFQFP, 48-pin HWQFN
I/O pins: 37
Input pin: 1
Pull-up resistors: 37
Open-drain outputs: 37
5-V tolerance: 2
Large current output: 13
 I/O ports for the 32-pin HWQFN
I/O pins: 21
Input pin: 1
Pull-up resistors: 21
Open-drain outputs: 21
5-V tolerance: 2
Large current output: 7
Event link controller (ELC)
 Event signals such as interrupt request signals can be interlinked with the operation of
functions such as timer counting, eliminating the need for intervention by the CPU to
control the functions.
 183 internal event signals can be freely combined for interlinked operation with
connected functions.
 Event signals from peripheral modules can be used to change the states of output pins
(of ports B and E).
 Changes in the states of pins (of ports B and E) being used as inputs can be interlinked
with the operation of peripheral modules.
Timers
8-bit timers (TMRb)
 (8 bits × 2 channels) × 4 units
 Select from among seven internal clock signals (PCLKB/1, PCLKB/2, PCLKB/8, PCLKB/
32, PCLKB/64, PCLKB/1024, PCLKB/8192) and one external clock signal
 Capable of output of pulse trains with desired duty cycles or of PWM signals
 The 2 channels of each unit can be cascaded to create a 16-bit timer
 Generation of triggers for A/D converter conversion
 Capable of generating baud-rate clocks for SCI5, SCI6, and SCI12
 Event linking by the ELC
Compare match timer
(CMT)
 (16 bits × 2 channels) × 2 units
 Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128,
PCLKB/512)
 Event linking by the ELC
Table 1.1
Outline of Specifications (3/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com