Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TACDFM Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 6Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 7Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 9Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 10Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 11Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 12Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 13Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 10 of 142
Oct 31, 2024
RX26T Group
1. Overview
Temperature sensor
 1 channel
 Relative precision: ±1.0°C
 The voltage of the temperature is converted into a digital value by the 12-bit A/D
converter (unit 2).
Arithmetic unit for trigonometric functions
(TFUv2)
 Calculation of sine, cosine, arctangent, and hypotenuse
Simultaneous calculation of sine and cosine
Simultaneous calculation of arctangent and hypotenuse
Safety
Memory protection unit
(MPU)
 Protection area: Eight areas (max.) can be specified in the range from 0000 0000h to
FFFF FFFFh.
 Minimum protection unit: 16 bytes
 Reading from, writing to, and enabling the execution access can be specified for each
area.
 An access exception occurs when the detected access is not in the permitted area.
Trusted Memory (TM)
Function
 Programs in the TM target area in the code flash memory are protected against reading
 Instruction fetching by the CPU is the only form of access to these areas when the TM
function is enabled.
Register write protection
function
 Protects important registers from being overwritten for in case a program runs out of
control.
CRC calculator (CRCA)
 Generation of CRC codes for 8-/32-bit data
8-bit data
Selectable from the following three polynomials
X8 + X2 + X + 1, X16 + X15 + X2 + 1, X16 + X12 + X5 + 1
32-bit data
Selectable from the following two polynomials
X32+X26+X23+X22+X16+X12+X11+X10+X8+X7+X5+X4+X2+X+1,
X32+X28+X27+X26+X25+X23+X22+X20+X19+X18+X14+X13+X11+X10+X9+X8+X6+1
 Generation of CRC codes for use with LSB-first or MSB-first communications is
selectable
Main clock oscillation
stop detection function
 Main clock oscillation stop detection: Available
Clock frequency
accuracy measurement
circuit (CAC)
 Monitors the clock output from the main clock oscillator, low- and high-speed on-chip
oscillators, IWDT-dedicated on-chip oscillator, and PCLKB.
Data operation circuit
(DOCA)
 This handles the comparison, addition, subtraction, comparison in terms of which is
larger or smaller, or window comparison of 32-bit values.
Encryption
functions
Trusted Secure IP
(TSIP-Lite)
 Access management circuit
 Encryption engine
128- or 256-bit key sizes of AES
Block cipher mode of operation: GCM, ECB, CBC, CMAC, XTS, CTR, GCTR
 Hash function
 True random number generator
 Prevention from illicit copying of a key
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = 2.7 to 5.5V
AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5V (VCC ≤ AVCC0 = AVCC1 = AVCC2)
VSS = AVSS0 = AVSS1 = AVSS2 = 0V
Operating temperature
D-version: –40 to +85°C
G-version: –40 to +105°C
Package
100-pin LFQFP 0.5 mm pitch
80-pin LFQFP 0.5 mm pitch
64-pin LFQFP 0.5 mm pitch
64-pin HWQFN 0.5 mm pitch
48-pin LFQFP 0.5 mm pitch
48-pin HWQFN 0.5 mm pitch
32-pin HWQFN 0.5 mm pitch
Debugging interfaces
 JTAG and One-line FINE interfaces
Table 1.1
Outline of Specifications (9/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com