Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT41
Description  Low capacitance small signal Schottky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41 Datasheet(HTML) 1 Page - STMicroelectronics

  BAT41_06 Datasheet HTML 1Page - STMicroelectronics BAT41_06 Datasheet HTML 2Page - STMicroelectronics BAT41_06 Datasheet HTML 3Page - STMicroelectronics BAT41_06 Datasheet HTML 4Page - STMicroelectronics BAT41_06 Datasheet HTML 5Page - STMicroelectronics BAT41_06 Datasheet HTML 6Page - STMicroelectronics BAT41_06 Datasheet HTML 7Page - STMicroelectronics BAT41_06 Datasheet HTML 8Page - STMicroelectronics BAT41_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2006
Rev 1
1/12
BAT41 Series
Low capacitance small signal Schottky diodes
Main product characteristics
Features and benefits
Low leakage current losses
Negligible switching losses
Low forward and reverse recovery times
Extremely fast switching
Surface mount device
Low capacitance diode
Description
The BAT41 series uses 100 V Schottky barrier
diodes packaged in SOD-123, SOD-323, SOD-
523, SOT-323, or SOT-666. This series is
specially suited for switching mode with low IR
losses
Order codes
IF
200 mA
VRRM
100 V
C (typ)
3 pF
Tj (max)
150° C
Part Number
Marking
BAT41ZFILM
Z41
BAT41WFILM
B41
BAT41SWFILM
S41
BAT41CWFILM
C41
BAT41AWFILM
A41
BAT41JFILM
41
BAT41KFILM
41
BAT41-09P6FILM
Q1
BAT41-07P6FILM
P1
SOD-123
SOD-323
SOD-523
SOT-666
BAT41ZFILM
(Single)
BAT41JFILM
(Single)
BAT41KFILM
(Single)
BAT41WFILM
(Single)
BAT41CWFILM
(Common cathode)
BAT41AWFILM
(Common anode)
BAT41SWFILM
(Series)
BAT41-07P6FILM
(2 parallel diodes)
BAT41-09P6FILM
(2 opposite diodes)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAT41_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41-07P6FILM STMICROELECTRONICS-BAT41-07P6FILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
BAT41-09P6FILM STMICROELECTRONICS-BAT41-09P6FILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
More results

Similar Description - BAT41_06

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
STMicroelectronics
BAS69 STMICROELECTRONICS-BAS69 Datasheet
105Kb / 9P
Low capacitance small signal Schottky diodes
24-Jul-2006
BAT41ZFILM STMICROELECTRONICS-BAT41ZFILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
Low VF Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com