Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT41
Description  Low capacitance small signal Schottky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41 Datasheet(HTML) 3 Page - STMicroelectronics

  BAT41_06 Datasheet HTML 1Page - STMicroelectronics BAT41_06 Datasheet HTML 2Page - STMicroelectronics BAT41_06 Datasheet HTML 3Page - STMicroelectronics BAT41_06 Datasheet HTML 4Page - STMicroelectronics BAT41_06 Datasheet HTML 5Page - STMicroelectronics BAT41_06 Datasheet HTML 6Page - STMicroelectronics BAT41_06 Datasheet HTML 7Page - STMicroelectronics BAT41_06 Datasheet HTML 8Page - STMicroelectronics BAT41_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAT41 Series
Characteristics
3/12
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 1)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
P(W)
T
δ=tp/T
tp
δ = 1
δ = 0.05
I
(A)
F(AV)
δ = 0.5
δ = 0.2
δ = 0.1
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0
25
50
75
100
125
150
I
(A)
F(AV)
T
(°C)
amb
T
δ=tp/T
tp
Figure 3.
Reverse leakage current versus
reverse applied voltage (typical
values)
Figure 4.
Reverse leakage current versus
junction temperature (typical
values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
2040
6080
100
I (µA)
R
V (V)
R
T =25°C
j
T =125°C
j
T =100°C
j
T =75°C
j
T =50°C
j
T =150°C
j
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
25
50
75
100
125
150
I (µA)
R
T (°C)
j
V =50V
R
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 6.
Forward voltage drop versus
forward current (typical values)
0.1
1.0
10.0
1.0
10.0
100.0
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
I
(A)
FM
V
(V)
FM
T =75°C
j
T =-40°C
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com