Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1004 Datasheet(PDF) 2 Page - YORKVILLE

Part # LS1004
Description  Passive Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS1004 Datasheet(HTML) 2 Page - YORKVILLE

  LS1004 Datasheet HTML 1Page - YORKVILLE LS1004 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specications
r
e
f
o
o
w
b
u
S
x
e
lf
e
R
s
s
a
B
e
p
y
T
m
e
t
s
y
S
e
v
i
s
s
a
P
e
v
i
s
s
a
P
r
o
e
v
it
c
A
Program Power (Watts)
2800 Watts (5400 Peak / 1400 Continuous)
Nominal Impedance (Ohms)
4
Sensitivity (dB @1Watt/1m)
102
)
s
u
o
u
n
it
n
o
C
B
d
6
3
1
(
k
a
e
P
B
d
9
3
1
)
B
d
(
L
P
S
x
a
M
Frequency Response (Hz +/- 3dB)
45 - 180
li
o
c
e
c
i
o
V
h
c
n
i-
4
t
e
n
g
a
M
c
i
m
a
r
e
C
h
c
n
i-
8
1
x
2
n
o
it
a
r
u
g
if
n
o
C
r
e
v
ir
D
2
s
k
c
a
J
"
4
/
1
-
s
t
u
p
n
I
2
n
i
p
-
4
n
o
k
a
e
p
S
-
s
t
u
p
n
I
Other Controls / Features
Speakon™ connectors feature a conguration
switch which allows instant reversal of Speakon™
jack pinouts for easy single wire hook-up using
optional four wire Speakon™ cables.
l
e
e
t
S
k
c
a
l
B
s
r
e
n
r
o
C
Wheels
2 RearTilt
e
d
i
S
2
,
p
o
T
2
s
e
l
d
n
a
H
r
a
B
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Heavy gauge perforated metal
Covering / Finish
)t
e
p
r
a
C
(
e
ti
z
O
k
c
a
l
B
Optional Covering / Finishes
Black Ultrathane Paint (LS1004B)
Dimensions (DWH xbackW COM inches)
23.5 x 28.3 x 43.5
Dimensions (DWH xbackW COM inches)
59.7 x 71.9 x 110.5
4
7
/
3
6
1
)
g
k
/
s
b
l(
t
h
g
i
e
W
Specications subject to change without notice
LS1004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com