Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1004 Datasheet(PDF) 1 Page - YORKVILLE

Part # LS1004
Description  Passive Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS1004 Datasheet(HTML) 1 Page - YORKVILLE

  LS1004 Datasheet HTML 1Page - YORKVILLE LS1004 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Passive Series
LS1004
Overview
All élite subwoofers are horn-loaded except for the LS1004 which is a
bass reflex design. Suitable for touring or fixed installations, the cabinets
are constructed of 15mm 11-ply Baltic Birch with heavy internal bracing
for reduced resonance and better durability. All enclosures are covered
in a black carpet covering and incorporate metal corner protectors,
rugged curved anti-resonant metal grilles, and 1/4" or Speakon™ input
connectors. An optional finish of black ultrathane paint (LS1004B) is also
available. Additionally, the Speakon™ connectors feature a configuration
switch which allows instant reversal of Speakon™ jack pinouts for easy
single wire hook-up using optional four wire Speakon™ cables.
Features
• 5600 Watt 2x18-inch Subwoofer (2800 Watts Program)
• Max SPL 139dB Peak (136dB Continuous)
• Bass Reflex Cabinet Design
• 45Hz - 180Hz Frequency Response
• 2 x Speakon™ and 2 x 1/4-inch Parallel Inputs
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com


Similar Part No. - LS1004

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS100 RSG-LS100 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
DB Lectro Inc
LS100 DBLECTRO-LS100 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
logo
List of Unclassifed Man...
LS100 ETC-LS100 Datasheet
442Kb / 2P
serial device manager
logo
RSG Electronic Componen...
LS100-12 RSG-LS100-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS100-12 TDK-LS100-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS1004

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FE1118 FARADAY-FE1118 Datasheet
39Kb / 2P
PASSIVE CABLE EQUALISER
logo
SynQor Worldwide Headqu...
IQ040PFQTC30 SYNQOR-IQ040PFQTC30 Datasheet
566Kb / 7P
Passive EMI Filter
logo
Advantech Co., Ltd.
PCA-6103P2V-0A1 ADVANTECH-PCA-6103P2V-0A1 Datasheet
173Kb / 1P
Passive Backplanes
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
Passive Backplanes
logo
Synaptics Incorporated.
CX93510 CONEXANT-CX93510 Datasheet
603Kb / 2P
Passive Infrared Camera
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
Passive Modulartaskopfe/ Passive Modular Probes
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
Passive Frequency Doublers
logo
Keysight Technologies
J7523A KEYSIGHT-J7523A Datasheet
1Mb / 8P
Cellular Passive Probe
logo
Pepperl+Fuchs Inc.
S1SL-1AI-1C PF-S1SL-1AI-1C Datasheet
760Kb / 3P
Passive Isolator
2022-01-10
S1SL-2AI-2C PF-S1SL-2AI-2C Datasheet
769Kb / 3P
Passive Isolator
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com