Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS200P Datasheet(PDF) 2 Page - YORKVILLE

Part # LS200P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS200P Datasheet(HTML) 2 Page - YORKVILLE

  LS200P Datasheet HTML 1Page - YORKVILLE LS200P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Subwoofer
Active or Passive
Active
Program Power (Watts)
200 Watts (600 Watts Peak)
Max SPL (dB)
130dB Peak (125dB Continuous)
Frequency Response (Hz +/- 3dB)
50 - 110
Driver Configuration
10-inch Long Excursion Woofer
LF Protection
Electronic Limiting (excursion, thermal, clip)
Power Cable
Yes
Power Switch
Yes
Inputs - 1/4" Jacks
2 line inputs, 2 link (in/out)
Level Controls
Main Volume
Other Controls / Features
Selectable line or speaker level input
Ground lift switch
Corners
Black Steel
Feet
Plastic Glides
Bar Handles
1 Side mounted
Pole Mount Adapter (1 3/8"-3.5cm)
1 Top
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Heavy gauge perforated metal
Covering / Finish
Black Ozite (Carpet)
Dimensions (DWH xbackW, inches)
27 x 17.5 x 14
Dimensions (DWH xbackW, cm)
69 x 44 x 36
Weight (lbs/kg)
55.1 / 25
Specifications subject to change without notice
LS200P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com