Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS200P Datasheet(PDF) 1 Page - YORKVILLE

Part # LS200P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS200P Datasheet(HTML) 1 Page - YORKVILLE

  LS200P Datasheet HTML 1Page - YORKVILLE LS200P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Powered Series
LS200P
Overview
The élite LS200P is an ultra-compact powered subwoofer that features
a single 10" speaker and a built in 600 watt (Peak) power module. The
precisely tuned band-pass enclosure of the LS200P provides rock-solid
low frequency output previously available only from much larger
cabinets. In fact, the unique combination of high-excursion woofers,
electronic control and proprietary, series-loaded box design results in
higher acoustic output than many single 18" enclosures which are
30-50% larger!
Yorkville's powered élite subwoofers reflect the synergistic advantage of
integrating electronic and acoustic elements into one attractive package
that is very versatile, transportable and, above all - great sounding!
These enclosures offer the ultimate in 'plug and play' convenience while
maximizing sonic performance. Advanced sensing circuitry offers
sonically transparent limiting and thermal driver protection for
maximum reliability.
Features
• Integrated 600 Watt Amplifier (200 Watts Program)
• 10-inch High Efficiency Woofer
• Max SPL 130dB Peak (125dB Continuous)
• 50Hz - 110Hz Frequency Response
• Paralleled 1/4-inch Selectable Line or Speaker Level Inputs
• Excursion, Peak and Thermal Woofer Protection
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com
POWER
SUBWOOFER
LEVEL
I NP U T
PARALLEL
THRU
INPUT
GROUND
INPUT LEVEL
UNGROUNDED
GROUNDED
SPEAKER
LINE
+3
-3
-6
+10
+25
+20
dB
0
LS200P Rear Panel


Similar Part No. - LS200P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-12L TDK-LS200-12L Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-15 TDK-LS200-15 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
More results

Similar Description - LS200P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Molex Electronics Ltd.
0638160700 MOLEX11-0638160700 Datasheet
926Kb / 17P
AIR POWERED TOOL AIR POWERED TOOL
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com