Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS808 Datasheet(PDF) 2 Page - YORKVILLE

Part # LS808
Description  Passive Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS808 Datasheet(HTML) 2 Page - YORKVILLE

  LS808 Datasheet HTML 1Page - YORKVILLE LS808 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Rear Horn-Loaded Subwoofer
Active or Passive
Passive
Program Power (Watts)
1400 Watts (2800 Peak / 700 Continuous)
Nominal Impedance (Ohms)
8
Sensitivity (dB @1Watt/1m)
105
Max SPL (dB)
139dB Peak (136dB Continuous)
Frequency Response (Hz +/- 3dB)
45 - 180
LF Driver(s)
18-inch, Ceramic Magnet w/4-inch voicecoil
Inputs - 1/4" Jacks
2
Inputs - Speakon 4-pin
2
Other Controls / Features
Speakon™ connectors feature a configuration
switch which allows instant reversal of Speakon™
jack pinouts for easy single wire hook-up using
optional four wire Speakon™ cables.
Corners
Black Steel
Bar Handles
2 Side
Pole Mount Adapter (1 3/8"-3.5cm)
1 Top
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Heavy gauge perforated metal
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes
Black Ultrathane Paint (LS808B)
Dimensions (DWH xbackW COM inches)
23 x 27.5 x 32
Dimensions (DWH xbackW COM cm)
58.4 x 70 x 81.3
Weight (lbs/kg)
116.6 / 52.9
Specifications subject to change without notice
LS808



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com