Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS808 Datasheet(PDF) 1 Page - YORKVILLE

Part # LS808
Description  Passive Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS808 Datasheet(HTML) 1 Page - YORKVILLE

  LS808 Datasheet HTML 1Page - YORKVILLE LS808 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Passive Series
LS808
Overview
First choice in passive subwoofers, the LS808 combines an 1400-Watt
cast-frame 18-inch bass driver with a rear-loaded bass horn enclosure
made from 15mm birch ply covered in rugged black carpeting (a black
ultrathane-painted version - LS800PB - is also available). The result is an
exceptionally efficient sub (105dB@1W@1m) with bass response down
to 45Hz and capable of hitting maximum sound-pressure levels of 134dB.
Rugged durability backed by a 2/10-year warranty further ensures years
of reliable service.
Inputs include parallel pairs of 1⁄4-inch jacks and Speakons™.
Additionally, the Speakon™ connectors are wired to a configuration
switch which allows instant reversal of pinouts for easy hook-ups using
optional four wire Speakon™ cables.
The LS808 uses flush, top-mounted stand adapters so that optional
speaker poles may be used to mount full range enclosures above -
avoiding the need for separate tripod stands. The dual, side-mounted,
inset carry handles making it easier for two people to carry the sub
during load in and set-up. The LS808, LS1004 and LS1208 have tilt-back
wheels and top/rear mounted corner handles for better maneuverability
and stacking.
Hardware includes four steel inset handles, a steel top-mounted pole-
stand adapter, a heavy-gauge curved steel grill and tilt-back wheels.
Features
• 2800 Watt 18-inch Subwoofer (1400 Watt Program)
• Max SPL 139dB Peak (136dB Continuous)
• Rear Horn-Loaded Cabinet Design
• 8 Ohm Design for Easy Amplifier Configuration
• 45Hz - 180Hz Frequency Response
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com


Similar Part No. - LS808

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LS801P YORKVILLE-LS801P Datasheet
189Kb / 2P
Powered Series
logo
TE Connectivity Ltd
LS804-11BB TEC-LS804-11BB Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS804-11CC TEC-LS804-11CC Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS804-11NBB TEC-LS804-11NBB Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS804-11NCC TEC-LS804-11NCC Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
More results

Similar Description - LS808

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FE1118 FARADAY-FE1118 Datasheet
39Kb / 2P
PASSIVE CABLE EQUALISER
logo
SynQor Worldwide Headqu...
IQ040PFQTC30 SYNQOR-IQ040PFQTC30 Datasheet
566Kb / 7P
Passive EMI Filter
logo
Advantech Co., Ltd.
PCA-6103P2V-0A1 ADVANTECH-PCA-6103P2V-0A1 Datasheet
173Kb / 1P
Passive Backplanes
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
Passive Backplanes
logo
Synaptics Incorporated.
CX93510 CONEXANT-CX93510 Datasheet
603Kb / 2P
Passive Infrared Camera
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
Passive Modulartaskopfe/ Passive Modular Probes
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
Passive Frequency Doublers
logo
Keysight Technologies
J7523A KEYSIGHT-J7523A Datasheet
1Mb / 8P
Cellular Passive Probe
logo
Pepperl+Fuchs Inc.
S1SL-1AI-1C PF-S1SL-1AI-1C Datasheet
760Kb / 3P
Passive Isolator
2022-01-10
S1SL-2AI-2C PF-S1SL-2AI-2C Datasheet
769Kb / 3P
Passive Isolator
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com