Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13009 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJE13009
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE13009 Datasheet(HTML) 2 Page - STMicroelectronics

  MJE13009 Datasheet HTML 1Page - STMicroelectronics MJE13009 Datasheet HTML 2Page - STMicroelectronics MJE13009 Datasheet HTML 3Page - STMicroelectronics MJE13009 Datasheet HTML 4Page - STMicroelectronics MJE13009 Datasheet HTML 5Page - STMicroelectronics MJE13009 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Ju nction- case
Max
1.25
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collecto r Cu t-of f
Current
VCEV = rated value
VBE(off) =1.5 V
VCEV = rated value
VEB(off) =1.5 V
Tcas e = 100
oC
1
5
mA
mA
IEBO
Emitter Cut-off
Current (IC =0)
VEB =9 V
1
mA
VCEO(su s)
∗ Collector-Emitter
Sustaining Voltage
IC =10 mA
IE = 0
400
V
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =5 A
IB =1 A
IC =8 A
IB =1.6 A
IC =12 A
IB =3 A
IC =8 A
IB =1.6 A
Tcas e = 100
oC
1
1. 5
3
2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Satu ration Vo ltage
IC =5 A
IB =1 A
IC =8 A
IB =1.6 A
IC =8 A
IB =1.6 A
Tcase = 100
oC
1. 2
1. 6
1. 5
V
V
V
hFE
∗
DC Current Gain
IC =5 A
VCE =5 V
IC =8 A
VCE =5 V
8
6
40
30
fT
Transistor Frequ ency
IC = 500 mA
VCE =10 V
4
MHz
COB
Output Capacita nce
VCB =10 A
IE =0
f= 0.1 MHz
180
pF
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
RESISTIVE LOAD
VCC =125 V
IC =8A
IB1 =-IB2 =1 .6 A
tp =25
µs
Duty Cycle
≤ 1%
1. 1
3
0. 7
µs
µs
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle ≤ 2%
Safe Operating Areas
Derating Curve
MJE13009
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com