Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13009 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE13009
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE13009 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE13009 Datasheet HTML 1Page - STMicroelectronics MJE13009 Datasheet HTML 2Page - STMicroelectronics MJE13009 Datasheet HTML 3Page - STMicroelectronics MJE13009 Datasheet HTML 4Page - STMicroelectronics MJE13009 Datasheet HTML 5Page - STMicroelectronics MJE13009 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MJE13009
SILICON NPN SWITCHING TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
DESCRIPTION
The MJE13009 is a multiepitaxial mesa NPN
transistor. It is mounted in Jedec TO-220 plastic
package, intended for use in motor controls,
switching regulators, deflection circuits, etc.
INTERNAL SCHEMATIC DIAGRAM
September 1997
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parame ter
Value
Unit
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VCEV
Collector-Emitter Voltage (VBE = -1.5 V)
700
V
VEBO
Emitter-Base Voltage (IC =0)
9
V
IC
Collector Current
12
A
ICM
Collector Peak Current (tp
≤ 10 ms)
24
A
IB
Base Current
6
A
IBM
Base Peak Current (tp
≤ 10 ms)
12
A
IE
Emitter Current
18
A
IEM
Emitter Peak Current
36
A
Ptot
Tot al Power Dissipation at Tc
≤ 25 oC
100
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Ope ra ting Ju nction Temperature
150
oC
1/6


Similar Part No. - MJE13009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13009 MOSPEC-MJE13009 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
logo
Motorola, Inc
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
451Kb / 10P
NPN SILICON POWER TRANSISTOR
REV 2
MJE13009 ONSEMI-MJE13009 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
More results

Similar Description - MJE13009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com