Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2LC Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RZ/G2LC
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2LC Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RZ/G2LC Datasheet HTML 38Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 39Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 40Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 41Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 42Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 43Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 44Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 45Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 42 of 74
May 30, 2025
3.5.7.2
Ethernet-IF (Ether RGMII)
Table 3.34
Ethernet-IF Access Timing (Ether RGMII)
Item
Symbol
Min.
Typ.
Max.
Unit
capaci-
tance
Remarks
Figures
Ether
RGMII
Data to clock output skew @
transmitter
TskewT
−500
0
500
ps
8 pF
Tx RGMII
Figure
3.21
Data to clock input skew @
receiver
TskewR
1
1.8
2.6
ns
8 pF
Data to clock output setup @
transmitter integrated delay
TsetupT
1.2
2.0
—
ns
8 pF
Rx
RGMII-ID
Figure
3.22
Clock to data output hold @
transmitter integrated delay
TholdT
1.2
2.0
—
ns
8 pF
Data to clock input setup setup
@ receiver integrated delay
TsetupR
1.0
2.0
—
ns
8 pF
Rx
RGMII-ID
Figure
3.22
Data to clock input setup hold
@ receiver integrated delay
TholdR
1.0
2.0
—
ns
8 pF
Clock cycle duration*1
Tcyc
7.2
8
8.8
ns
8 pF
—
—
Duty cycle for gigabit
Duty_G
45
50
55
%
8 pF
Duty cycle for 10/100T
Duty_T
40
50
60
%
8 pF
Rise/fall time (20-80%)
Tr/Tf
—
—
0.75
ns
8 pF
Note 1.
For 10 Mbps and 100 Mbps, Tcyc will scale to 400ns ±40ns and 40ns ±4ns respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com