Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2LC Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RZ/G2LC
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2LC Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RZ/G2LC Datasheet HTML 52Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 53Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 54Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 55Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 56Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 57Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 58Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 59Page - Renesas Technology Corp RZ/G2LC Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 56 of 74
May 30, 2025
3.5.14
Port Output Enable 3 (POE3) Access Timing
Table 3.41
POE3 Timing
Item
Symbol
Min.
Max.
Unit
Figures
POE3
POEn# input pulse width
tPOE3W
1.5
—
tp1cy*
1
Figure 3.42
Note 1.
tp1cyc indicates peripheral clock means POE3_CLKM_POE (P0
ϕ).
POEn# input
tPOE3W
Figure 3.42
POEn# Input Pulse Timing
3.5.15
General PWM Timer (GPT) Access Timing
Table 3.42
GPT Timing
Item
Symbol
Min.
Max.
Unit
Figures
GPT
Input capture input pulse
width
Single-edge setting
tGTICW
1.5
—
tp1cyc*
1
Figure 3.43
Both-edge setting
2.5
—
Note:
AC access timing condition: drive ability 4mA, output load 30pF, slew rate = fast
Note 1.
tp1cyc indicates peripheral clock means GPT_PCLK (P0
ϕ).
Input capture
Input
tGTICW
Figure 3.43
GPT Input Capture Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com