Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1H Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RZ/A1H
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1H Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RZ/A1H Datasheet HTML 10Page - Renesas Technology Corp RZ/A1H Datasheet HTML 11Page - Renesas Technology Corp RZ/A1H Datasheet HTML 12Page - Renesas Technology Corp RZ/A1H Datasheet HTML 13Page - Renesas Technology Corp RZ/A1H Datasheet HTML 14Page - Renesas Technology Corp RZ/A1H Datasheet HTML 15Page - Renesas Technology Corp RZ/A1H Datasheet HTML 16Page - Renesas Technology Corp RZ/A1H Datasheet HTML 17Page - Renesas Technology Corp RZ/A1H Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 14 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
2. Pin
Operating mode
control
MD_BOOT2,
MD_BOOT1,
MD_BOOT0
I
Mode set
Sets the operating mode. Do not change
the signal levels on these pins while the
RES pin is asserted or until the mode is
fixed, after the negation.
MD_CLK
I
Clock mode set
Sets the clock operating mode. Do not
change the signal levels on this pin while
the RES pin is asserted or until the mode
is fixed, after the negation.
MD_CLKS
I
SSCG clock mode set
Switches the SSCG circuit on or off. Do
not change the signal levels on this pin
while the RES pin is asserted or until the
mode is fixed, after the negation.
BSCANP
I
Boundary scan set
Boundary scan setting pin.
This pin is set to the high level for a
boundary scan and to the low level for
normal operation.
System control
RES
I
Power-on reset
This LSI enters the power-on reset state
when this signal goes low.
WDTOVF
O
Watchdog timer
overflow
Outputs an overflow signal from the
watchdog timer.
Interrupts
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin. It is
handled as an FIQ exception. Fix it high
when not in use.
IRQ7 to IRQ0
I
Interrupt requests 7 to
0
Maskable interrupt request pins.
Level-input or edge-input detection can
be selected. When the edge-input
detection is selected, the rising edge,
falling edge, or both edges can also be
selected.
TINT170 to TINT0
I
Interrupt requests 170
to 0
Maskable interrupt request pins.
Detection through input of the high level
or a rising edge can be selected.
Address bus
A25 to A0
O
Address bus
Outputs addresses.
Data bus
D31 to D0
I/O
Data bus
Bidirectional data bus.
Classification
Symbol
I/O
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com