Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/A1H
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1H Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/A1H Datasheet HTML 1Page - Renesas Technology Corp RZ/A1H Datasheet HTML 2Page - Renesas Technology Corp RZ/A1H Datasheet HTML 3Page - Renesas Technology Corp RZ/A1H Datasheet HTML 4Page - Renesas Technology Corp RZ/A1H Datasheet HTML 5Page - Renesas Technology Corp RZ/A1H Datasheet HTML 6Page - Renesas Technology Corp RZ/A1H Datasheet HTML 7Page - Renesas Technology Corp RZ/A1H Datasheet HTML 8Page - Renesas Technology Corp RZ/A1H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 2 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
1.
Overview
1.1
Outline of Specification
Table 1.1
Features of RZ/A1H and RZ/A1M
Items
Specification
CPU
 Arm Cortex-A9 processor
 Maximum operating frequency: 400 MHz
 Instruction cache size: 32 Kbytes
 Data cache size: 32 Kbytes (write-back algorithm)
 TLB entries: 128 entries
 Jazelle® architecture extension: Full implementation
 Media processing engine with NEONTM technology
L2 cache memory
 Arm CoreLink™ Level 2 Cache Controller L2C-310
 Operating frequency: 133 MHz
 Cache size: 128 Kbytes
Interrupt controller
 Arm PrimeCell® Generic Interrupt Controller (PL390)
 External interrupt pins (NMI, IRQ7 to IRQ0, and TINT170 to TINT0)
 On-chip peripheral interrupts: Priority level set for each module
 32 priority levels available
Bus state controller
 Address space divided into six areas (0 to 5), each a maximum of 64 Mbytes
 The following features settable for each area independently
—Bus size (8, 16, or 32 bits): Available sizes depend on the area.
—Number of access wait cycles (different wait cycles can be specified for read and write access
cycles in some areas)
—Idle wait cycle insertion (between the same area access cycles or different area access cycles)
—Specifying the memory to be connected to each area enables direct connection to SRAM, SRAM
with byte selection, SDRAM, and burst ROM (clocked synchronous or asynchronous). The
address/data multiplexed I/O (MPX) interface is also available.
 Outputs a chip select signal (CS0 to CS5) according to the target area (CS assert or negate timing
can be selected by software)
 SDRAM refresh
 Auto refresh or self refresh mode selectable
 SDRAM burst access
Direct memory access
controller
 Sixteen channels; external requests are available for one of them.
 Can be activated by on-chip peripheral modules.
 A specific DMA transfer interval can be specified to adjust the bus occupancy.
 Link mode (DMA transfer under descriptor control) supported
 Transfer information can be automatically reloaded.
Clock pulse generator
 Clock mode: Input clock can be selected from external input (EXTAL or USB_X1) or crystal
resonator.
 Input clock can be multiplied by 32 (max.) by the internal PLL circuit.
 Peak values of EMI noise can be reduced by the on-chip SSCG circuit.
 Five types of clocks generated:
—CPU clock (Iφ): Maximum 400.00 MHz
—Image processing clock (Gφ): Maximum 266.67 MHz
—Internal bus clock (Bφ): Maximum 133.33 MHz
—Peripheral clock 1 (P1φ): Maximum 66.67 MHz
—Peripheral clock 0 (P0φ): Maximum 33.33 MHz
Watchdog timer
 On-chip one-channel watchdog timer
 A counter overflow can reset the LSI.
Power-down modes
 Four power-down modes provided to reduce the power consumption in this LSI
—Sleep mode
—Software standby mode
—Deep standby mode
—Module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com