Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1M Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/A1M Datasheet HTML 1Page - Renesas Technology Corp RZ/A1M Datasheet HTML 2Page - Renesas Technology Corp RZ/A1M Datasheet HTML 3Page - Renesas Technology Corp RZ/A1M Datasheet HTML 4Page - Renesas Technology Corp RZ/A1M Datasheet HTML 5Page - Renesas Technology Corp RZ/A1M Datasheet HTML 6Page - Renesas Technology Corp RZ/A1M Datasheet HTML 7Page - Renesas Technology Corp RZ/A1M Datasheet HTML 8Page - Renesas Technology Corp RZ/A1M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 3 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
Multi-function timer pulse unit
2
 Maximum 16 lines of pulse inputs/outputs based on five channels of 16-bit timers
 18 output compare and input capture registers
 Input capture function
 Pulse output modes
 Toggle, PWM, complementary PWM, and reset-synchronized PWM modes
 Synchronization of multiple counters
 Complementary PWM output mode
—Non-overlapping waveforms output for 3-phase inverter control
—Automatic dead time setting
—0% to 100% PWM duty value specifiable
—A/D converter start request delaying function
—Interrupt skipping at crest or trough
 Reset-synchronized PWM mode
Three-phase PWM waveforms in positive and negative phases can be output with a required duty
value.
 Phase counting mode
Two-phase encoder pulse counting available
OS timer
 Two-channel 32-bit counters
 Two operating modes:
—Interval timer mode
—Free-running comparison mode
 DMA transfer request or interrupt request can be issued when a compare match occurs.
Realtime clock
 Internal clock, calendar function, alarm function
 Interrupts can be generated at intervals of 1/64 s by the 32.768-kHz or 4-MHz on-chip crystal
oscillator.
Serial communication
interface with FIFO
 Eight channels
 Clock synchronous mode or asynchronous mode selectable
 Simultaneous transmission and reception (full-duplex communication) supported
 Dedicated baud rate generator
 Separate 16-byte FIFO registers for transmission and reception
 Modem control function (channels 1, 5, and 7 in asynchronous mode)
Serial communication
interface
 Two channels
 Clock synchronous mode, asynchronous mode, or smart card interface mode is selectable.
 Simultaneous transmission and reception (full-duplex communication) supported
 Dedicated baud rate generator
 LSB first/MSB first selectable
 Modem control function
 Encoding and decoding of IrDA communications waveforms in accord with version 1.0 of the IrDA
standard (on channel 0)
Renesas serial peripheral
interface
 Five channels
 SPI operation
 Master mode and slave mode selectable
 Programmable bit length, clock polarity, and clock phase can be selected.
 Consecutive transfers
 MSB first/LSB first selectable
 Maximum transfer rate: 33.33 Mbps
SPI multi I/O bus controller
 Two channels
 Up to two serial flash memories with multiple I/O bus sizes (single/dual/quad) can be connected.
 External address space read mode (built-in read cache)
 SPI operating mode
 Clock polarity and clock phase can be selected.
 MSB first/LSB first selectable
 Maximum transfer rate: 533.33 Mbps (SDR transfer, with two serial flash memories connected)
I2C bus interface
 Four channels
 Master mode and slave mode supported
 Support for 7-bit and 10-bit slave address formats
 Support for multi-master operation
 Timeout detection
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com