Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1M Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 56Page - Renesas Technology Corp RZ/A1M Datasheet HTML 57Page - Renesas Technology Corp RZ/A1M Datasheet HTML 58Page - Renesas Technology Corp RZ/A1M Datasheet HTML 59Page - Renesas Technology Corp RZ/A1M Datasheet HTML 60Page - Renesas Technology Corp RZ/A1M Datasheet HTML 61Page - Renesas Technology Corp RZ/A1M Datasheet HTML 62Page - Renesas Technology Corp RZ/A1M Datasheet HTML 63Page - Renesas Technology Corp RZ/A1M Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 60 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
3. Electrical Characteristics
Note 1. Reference value. The accuracy of the clock signal affects the quality of images output by the digital video decoder. Input clock
signals that are as accurate as is possible.
Note 2. Settings for values smaller than the above specifications may be possible, as long as the values are confirmed through
evaluation by the manufacturer of the oscillator.
Figure 3.2
EXTAL, AUDIO_X1, AUDIO_CLK, USB_X1, and VIDEO_X1 Clock Input Timing
Figure 3.3
(1) CKIO Clock Output Timing 1
Figure 3.3
(2) CKIO Clock Output Timing 2
On-chip PLL circuit oscillation settling time
tPOSC
1
―
ms
Figure 3.4 and
Figure 3.6 (1)
On-chip oscillation circuit oscillation settling time
(RTC_X1)
tROSC
―3*2
s
Figure 3.7
On-chip oscillation circuit oscillation settling time
(RTC_X3)
―10*2
ms
Figure 3.7
On-chip oscillation circuit oscillation settling time (other
than above)
―4*2
ms
Figure 3.4,
Figure 3.6 (1), and
Figure 3.7
Mode hold time
tMDH
200
―
ns
Figure 3.4 and
Figure 3.6 (1)
SSCG Stabilizing Time
tSSCG
1
―
us
Figure 3.5
Table 3.5
Clock Timing
Item
Symbol
Min.
Max.
Unit
Figure
t
EXH
t
EXf
tEXr
t
EXL
t
EXcyc
VIH
VIH
VIH
1/2 PVcc
1/2 PVcc
V
IL
VIL
EXTAL,
AUDIO_X1,
AUDIO_CLK,
USB_X1*
(input)
Note: * When the clock is input on the EXTAL, AUDIO_X1, AUDIO_CLK, USB_X1, or VIDEO_X1
t
cyc
t
CKOL1
t
CKOH1
VOH
1/2 PVcc
1/2 PVcc
t
CKOr1
t
CKOf1
VOH
VOL
VOL
VOH
t
cyc
t
CKOL2
t
CKOH2
2.0V
1/2 PVcc
1/2 PVcc
t
CKOr2
t
CKOf2
2.0V
0.8V0.8V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com