Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DMLN31-13 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # KB-DMLN31-13
Description  SYNIOS® P2720
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DMLN31-13 Datasheet(HTML) 3 Page - ams-OSRAM AG

  KB-DMLN31-13 Datasheet HTML 1Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 2Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 3Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 4Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
KB DMLN31.13
DATASHEET
DATASHEET
3 | Version 1.3 | 2023-03-07
Ordering Information
Type
Luminous Flux 1)
Ordering Code
I
F = 200 mA
Φ
V
KB DMLN31.13-7D8F-36-15B5
5.6 ... 18.0 lm
Q65112A0079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com