Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DMLN31-13 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KB-DMLN31-13
Description  SYNIOS® P2720
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DMLN31-13 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KB-DMLN31-13 Datasheet HTML 2Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 3Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 4Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KB-DMLN31-13 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
KB DMLN31.13
DATASHEET
DATASHEET
6 | Version 1.3 | 2023-03-07
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 200 mA
I
F = 200 mA
I
F = 200 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
7D
5.6 lm
6.3 lm
2.0 cd
8D
6.3 lm
7.1 lm
2.2 cd
5E
7.1 lm
8.0 lm
2.5 cd
6E
8.0 lm
9.0 lm
2.8 cd
7E
9.0 lm
10.0 lm
3.1 cd
8E
10.0 lm
11.2 lm
3.5 cd
5F
11.2 lm
12.5 lm
3.9 cd
6F
12.5 lm
14.0 lm
4.4 cd
7F
14.0 lm
15.9 lm
4.9 cd
8F
15.9 lm
18.0 lm
5.6 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 200 mA
I
F = 200 mA
min.
max.
V
F
V
F
15
2.75 V
3.00 V
65
3.00 V
3.25 V
B5
3.25 V
3.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 200 mA
I
F = 200 mA
min.
max.
λ
dom
λ
dom
3
449 nm
453 nm
4
453 nm
457 nm
5
457 nm
461 nm
6
461 nm
465 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com