Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMIC Datasheet(PDF) 1 Page - Speco Technologies.

Part # CAMMIC
Description  2-way audio kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CAMMIC Datasheet(HTML) 1 Page - Speco Technologies.

  CAMMIC Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-Way Audio Kit with 30W RMS
Amplifier, Line-Level Microphone
and 4” Wall-Mount 70/25V Speaker
For more information contact Speco Technologies
200 New Highway, Amityville, NY 11701 • Toll Free: 1-800-645-5516 • Fax: 631-957-9142 or 631-957-3880
www.specotech.com
Speco Technologies is constantly developing and improving products.
We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Rev. 2/23/22
2WAK3 2-way audio kit
Specifications
PBM30 - Amplifier
RMS Power ........... 30W
Max. Power............ 60W
Two microphone inputs
One RCA auxilary input
DMS3TS - Speaker
Woofer..................4” polypropylene
Midrange...............2” polypropylene
Tweeter.................1” dome
Transformer ..........70/25V (15W, 7.5W, 4W, 2W, 1W, and 8 Ohms)
Die cast enclosure, complete with mounting bracket, wire and
hardware
CAMMIC - Line level microphone
PSW5 - Power supply for microphone
CAMMIC
DMS3TS
PSW5
PBM30
Features
2-Way Audio is a great feature found in select Speco Technologies’ DVRs.
With 2-Way Audio, a person can communicate with someone in view of a camera
either directly through the DVR or an Apple or Android app. Our 2-Way Audio kits
provide all the hardware required to communicate using this feature.
2WAK3 Audio Kit Diagram
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CAMMIC

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
256Kb / 1P
High Impedance Line Level Microphone
1/20/22
CAMMIC2 SPECO-CAMMIC2 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
CAMMIC3.5 SPECO-CAMMIC3.5 Datasheet
292Kb / 1P
Line Level Microphone with 3.5mm Jack For Use With IP Cameras
11/14/22
CAMMICW SPECO-CAMMICW Datasheet
460Kb / 1P
Weather-Resistant Line Level Microphone
1/20/22
More results

Similar Description - CAMMIC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2347A AKM-AK2347A Datasheet
350Kb / 34P
Two-way Radio Audio & Sub-Audio Processor
AK2347B AKM-AK2347B Datasheet
341Kb / 34P
Two-way Radio Audio & Sub-Audio Processor
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
logo
Level One
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
Supports smart camera search and 2-way audio
logo
CUI Devices
CSK-AUDIO-001 CUID-CSK-AUDIO-001 Datasheet
367Kb / 3P
AUDIO KIT
10/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com