Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSC1
Description  Mullion Proximity Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSC1 Datasheet(HTML) 1 Page - Speco Technologies.

  APSC1 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mullion Proximity Reader
AP300HA
Features
• Up to 5 in of read range
• Contactless Digital Radio Frequency Identification (RFID) technology
• Compliant with the Wiegand communication protocol
• IP67 compliant, weather resistant
• Tamper resistant
• Lifetime warranty
• ETL-listed
®
Proximity Reader
AP300HA
Technical Specifications
Technology
Proximity
Frequency
125 kHz
Mounting
Mullions, including metal door and window
frames, as well as flat surfaces
Dimensions
1.7” W × 3.2” H × 0.7” D (43 mm × 81 mm
× 18 mm)
Weight
3oz (85g)
Certifications
FCC, ICC, CE, C-Tick, ETL-listed (in ac-
cordance with UL-294 standard for Access
Control System Units)
IP Code
IP67
Voltage
+5 -16 VDC
Current Draw
30mA typical @ 12VDC, 195mA peak
Read Range
Up to 5 inches (126 mm)
Cabling
24 AWG minimum, multiconductor strand-
ed with an overall foil sheild
Interface
Wiegand ABA Track II
Operating Temperature
-40°F to 149°F (-40°C to 65°C)
Color Options
Black and an ivory snap-on cover included
standard
Audio Tone
Beeper included standard
Indoor & Outdoor Installation
Electronics sealed in weather- and tamper-
resistant epoxy potting
Warranty
Lifetime warranty
LED
Four-state standard (red, green, amber,
and off)
Technologies Supported
Pyramid + certain HID® 125-kHz Proximity
protocols + certain AWID® 125-kHz Proxim-
ity protocols
Optional Accessories
APSI4
Proximity Card
APSC1
Clamshell
Proximity Card
APSM2
Proximity
Credential
APDT1
Proximity Disc
Tag
APSK3
Proximity
Key Ring Tag
NDAA
COMPLIANT
Products are in compliance with NDAA Section 889 Part B Guidelines. ONVIF® is a trademark of Onvif, Inc. Chrome® and Firefox® use Java™, which requires an initial internet connection.
Apple® and the Apple logo® are trademarks of Apple Inc., registered in the U.S. and other countries. App Store® is a service mark of Apple Inc. Android™ is a trademark of Google LLC.
Google Play® and the Google Play logo® are trademarks of Google LLC. Amazon® is a trademark of Amazon.com, Inc. or its affiliates, used under license. Speco Technologies® is constantly
developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Revised 10/14/25
ACCESS
CONTROL


Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
234Kb / 1P
Clamshell Proximity Card
1/19/22
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results

Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
HITAG proximity reader module hardware
2001 Oct 04
logo
Festo Corporation.
2930232 FESTO-2930232 Datasheet
84Kb / 2P
Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
2930236 FESTO-2930236 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
Code Reader
8058718 FESTO-8058718 Datasheet
83Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
logo
Pepperl+Fuchs Inc.
OHV200-F221-B15 PF-OHV200-F221-B15 Datasheet
225Kb / 2P
Handheld reader
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com