Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSC1
Description  Mullion Proximity Reader & Keypad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSC1 Datasheet(HTML) 1 Page - Speco Technologies.

  APSC1 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mullion Proximity Reader & Keypad
AP620HA
Features
• Up to 5 in of read range
• Contactless Digital Radio Frequency Identification (RFID) technology
• Compliant with the Wiegand communication protocol
• IP67 compliant, weather resistant
• Tamper resistant
• Lifetime warranty
• ETL-listed
®
Proximity Reader
AP620HA
Technical Specifications
Technology
Proximity
Frequency
125 kHz
Mounting
Mullions, including metal door and window
frames, as well as flat surfaces
Dimensions
1.78” W × 6.1” H × 0.91” D (45 mm × 155 mm
× 23 mm)
Weight
4oz (113g)
Certifications
FCC, ICC, CE, C-Tick, ETL-listed
IP Code
IP67
Voltage
+5 -16 VDC
Current Draw
70mA typical @ 12VDC, 110mA peak
Read Range
Up to 5 inches (126 mm)
Cabling
24 AWG minimum, multiconductor strand-
ed with an overall foil sheild
Interface
Wiegand
Operating Temperature
-40°F to 149°F (-40°C to 65°C)
Color Options
Black snap-on cover included standard
Audio Tone
Beeper included standard
Indoor & Outdoor Installation
Electronics sealed in weather- and tamper-
resistant epoxy potting
Warranty
Lifetime warranty
LED
Four-state standard (red, green, amber,
and off)
Keypad Output
Wiegand
Technologies Supported
Pyramid + certain HID® 125-kHz Proximity
protocols + certain AWID® 125-kHz Proxim-
ity protocols
Optional Accessories
APSI4
Proximity Card
APSC1
Clamshell
Proximity Card
APSM2
Proximity
Credential
APDT1
Proximity Disc
Tag
APSK3
Proximity
Key Ring Tag
NDAA
COMPLIANT
Products are in compliance with NDAA Section 889 Part B Guidelines. ONVIF® is a trademark of Onvif, Inc. Chrome® and Firefox® use Java™, which requires an initial internet connection.
Apple® and the Apple logo® are trademarks of Apple Inc., registered in the U.S. and other countries. App Store® is a service mark of Apple Inc. Android™ is a trademark of Google LLC.
Google Play® and the Google Play logo® are trademarks of Google LLC. Amazon® is a trademark of Amazon.com, Inc. or its affiliates, used under license. Speco Technologies® is constantly
developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Revised 10/14/25
ACCESS
CONTROL


Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
234Kb / 1P
Clamshell Proximity Card
1/19/22
APSC1 SPECO-APSC1 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results

Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
HITAG proximity reader module hardware
2001 Oct 04
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
Keypad Multiplexer
June, 2006 ??Rev. 2
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
Keypad
MCAK304NWWB ETC2-MCAK304NWWB Datasheet
461Kb / 2P
Keypad Plastic, Array
logo
AAEON Technology
FWS-7520 AAEON-FWS-7520 Datasheet
260Kb / 2P
lcm with keypad
logo
List of Unclassifed Man...
IQS360 ETC2-IQS360 Datasheet
2Mb / 53P
12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
logo
Texas Instruments
LM8330 TI1-LM8330 Datasheet
1Mb / 55P
Compatible Keypad Controller
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
LCD Keypad Display
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
Piezo Keypad
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com