Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSC1
Description  Proximity Reader and Keypad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSC1 Datasheet(HTML) 1 Page - Speco Technologies.

  APSC1 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Proximity Reader and Keypad
APCR640L
Single-gang proximity reader with Bluetooth® and keypad
Features
• Up to 15 feet of read range
• Keypad with contactless proximity
and mobile credential access support
• Digital Radio Frequency Identification (RFID) platform
• Supports both sector and card serial number (CSN) reads
• Offers the option of mobile access credentials loaded on
Bluetooth® Low Energy (BLE) enabled smartphones
or contactless proximity module
• IP67 compliant, weather resistant
• Tamper resistant
www.specotech.com
NDAA
COMPLIANT
Products are in compliance with NDAA Section 889 Part B Guidelines. Apple and the Apple logo are trademarks of Apple Inc., registered in the U.S. and other countries. App Store is a service mark of Apple Inc.
Android, Google Play and the Google Play logo are trademarks of Google Inc. Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications
without notice and without incurring any obligation.
Revised 8/8/24
®
Technical Specifications
Models
Mobile-Ready Proximity Reader and Keypad
Technology
Proximity and Bluetooth® Low Energy (BLE)
Frequency
125 kHz (proximity) and 2.4 GHz (BLE)
Mounting
Mullions, including metal door and window
frames, as well as flat surfaces
Dimensions
3” W × 4.6” H × 0.75” D
(76mm × 117mm × 19mm)
OEM Label Area
0.9” W × 0.35” H (22.86mm × 8.89mm) with
corner radius of 0.06” (1.5mm)
Certifications
FCC, ICC, CE, UL Standard 294,
ULC 60839-11-12, ETL
IP Code
IP67
Voltage
+8 to 14 VDC
Current Draw
0 mA typical, 90 mA peak @ 12 VDC
Read Range
Physical credentials: up to 4” (102mm)
Mobile Credentials:
Up to 15 feet (4.6 m)
Cabling
24 AWG minimum, multiconductor stranded
with an overall foil shield
Interface
Wiegand (26-bit and custom formats), ABA
Track II magnetic stripe (clock and data) or
OSDP8
Operating Temperature
–31° F to 150° F (–35° C to +66° C)
Operating Humidity
0% to 90% relative humidity
Color Options
A black snap-on cover included standard
Audio Tone
Beeper included standard
Indoor & Outdoor Installation
Electronics sealed in weather- and
tamper-resistant epoxy potting
Warranty
Limited lifetime warranty
LED
Four-state standard
(red, green, amber, and off)
Keypad Output
Either Wiegand or OSDP8
Technologies Supported
Pyramid + certain HID® 125-kHz Proximity
protocols + certain AWID® 125-kHz
Proximity protocols
Conekt or Switch™ Tech (“Switch Keys”)
Mobile Access Credentials
Optional Accessories
ACMC2
Mobile Credential
APDT1
Proximity Disc Tag
APSM2
Proximity Card
APSK3
Proximity
Key Ring Tag
AWRT4
Long Range
Transmitters
APSI4
Proximity Card
APSC1
Clamshell
Proximity Card
ACCESS
CONTROL
IP67


Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
234Kb / 1P
Clamshell Proximity Card
1/19/22
APSC1 SPECO-APSC1 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
More results

Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
HITAG proximity reader module hardware
2001 Oct 04
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
TSC with Keypad Scanner and GPIO Expander
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
Keypad
IQS360 ETC2-IQS360 Datasheet
2Mb / 53P
12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
Piezo Keypad
logo
Analog Devices
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com