Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC014 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMVC014
Description  VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC014 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMVC014 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only
in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Typical Performance Data
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 2 of 6
FMVC014
DATA SHEET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com