Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC014 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMVC014
Description  VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC014 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMVC014 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV 1.1 Page 1 of 6
Copyright © 2020
FMVC014 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which
covers a 5.4 GHz to 5.9 GHz frequency band with a voltage tuning range from 0V
to 10.0V. This design features exceptional phase noise performance of -84 dBc/
Hz @ 10 kHz offset. Supply Voltage is +11V with a generated output power level
of +7.0 dBm and 2nd harmonic output of -17 dBc typical. The assembly is RoHS
compliant and available in a compact 0.175 inch SMT package with an industry
standard mounting footprint. The bottom surface is copper clad with 2-5 micro
inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
makes it resistant to oxidation for ease of soldering. The VCO operates over a
temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
STD-202 test conditions including Humidity, Shock, and Vibration.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
5.4
5.9
GHz
Tuning Voltage
0
10
Vdc
Supply Voltage (DC)
10
11
12
Vdc
Supply Current (DC)
22
25
mA
Phase Noise @10kHz Offset
-84
-81
dBc/Hz
Phase Noise @100kHz Offset
-105
-103
dBc/Hz
Output Power
+7
+8.5
+9.5
dBm
Tuning Sensitivity (Kvco)
120
200
MHz/V
Pushing
5
8
MHz/V
Pulling (pk-pk)
25
35
MHz
Load Impedance
50
Ohms
2nd Harmonics
-25
-22
dBc
Mechanical Specifications
Size
Length
0 in [0 mm]
Width
0 in [0 mm]
Height
0 in [0 mm]
.
Weight
0.0095 lbs [4.31 g]
Body Material and Plating
Copper Clad Nickel, Gold
Design
Commercial
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH,
+65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
VCO (Voltage Controlled Oscillator) 0.175 inch SMT
(Surface Mount), Frequency of 5.4 GHz to 5.9 GHz,
Phase Noise -84 dBc/Hz
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• 5.4 GHz to 5.9 GHz Bandwidth
• -85 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 4.5V
• Pout = +7.0 dBm
• Harmonics = -17 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
Mounting Footprint
• Designed to meet MIL-STD-202
Environmental Conditions
Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
FMVC014
DATA SHEET


Similar Part No. - FMVC014

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC011 FAIRVIEW-FMVC011 Datasheet
848Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.2 GHz, Phase Noise -80 dBc/Hz
REV 1.0
FMVC012 FAIRVIEW-FMVC012 Datasheet
848Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.7 GHz, Phase Noise -84 dBc/Hz
REV 1.0
FMVC018 FAIRVIEW-FMVC018 Datasheet
744Kb / 5P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 9 GHz to 10 GHz, Phase Noise -78 dBc/Hz
REV 1.0
FMVC019 FAIRVIEW-FMVC019 Datasheet
742Kb / 5P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase Noise -72 dBc/Hz
REV 1.0
More results

Similar Description - FMVC014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2V005 PASTERNACK-PE2V005 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1 GHz to 2 GHz, Phase Noise of -90 dBc/Hz and 0.175 inch Package
PE2V008 PASTERNACK-PE2V008 Datasheet
661Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.92 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V009 PASTERNACK-PE2V009 Datasheet
683Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.57 GHz to 4.58 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V011 PASTERNACK-PE2V011 Datasheet
659Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.2 GHz, Phase Noise of -80 dBc/Hz and 0.175 inch Package
PE2V012 PASTERNACK-PE2V012 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V015 PASTERNACK-PE2V015 Datasheet
588Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 6.1 GHz to 7 GHz, Phase Noise of -76 dBc/Hz and 0.175 inch Package
PE2V018 PASTERNACK-PE2V018 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz to 10 GHz, Phase Noise of -78 dBc/Hz and 0.175 inch Package
PE2V019 PASTERNACK-PE2V019 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz to 11 GHz, Phase Noise of -72 dBc/Hz and 0.175 inch Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com