Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTK2012RWC/Z-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APTK2012RWC/Z-F01
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTK2012RWC/Z-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

  APTK2012RWC/Z-F01 Datasheet HTML 1Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 2Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 3Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 4Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 5Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 6Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH3790
REV NO: V.1
DATE: JUN/08/2007
PAGE: 3 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000745
White
APTK2012RWC/Z-F01
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
R
380
550
1270
S
480
750
1720
T
650
1100
2380
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com