Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTK2012RWC/Z-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTK2012RWC/Z-F01
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTK2012RWC/Z-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  APTK2012RWC/Z-F01 Datasheet HTML 1Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 2Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 3Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 4Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 5Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 6Page - Kingbright Corporation APTK2012RWC/Z-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAH3790
REV NO: V.1
DATE: JUN/08/2007
PAGE: 1 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000745
Part Number: APTK2012RWC/Z-F01
WHITE
Description
The source color devices are made with InGaN on SiC Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
Applications
traffic signaling.
backlighting (illuminated advertising , general lighting).
interior and exterior automotive lighting.
substitution of micro incandescent lamps.
reading lamps.
signal and symbol luminaire for orientation.
marker lights (e.g. steps, exit ways, etc).
decorative and entertainment lighting.
indoor and outdoor commercial and residential
architectural lighting.
Features
2.0mmx1.25mm SMT LED, 0.75mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACK LIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE:6500K
COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO
CIE1931(WHITE).
OPTICAL EFFICIENCY:26 lm/W(TYP.)
COLOR REPRODUCTION INDEX:80
RoHS COMPLIANT.
2.0x1.25mm SMD CHIP LED LAMP
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APTK2012RWC/Z-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTK2012RWC/A-F01 KINGBRIGHT-APTK2012RWC/A-F01 Datasheet
292Kb / 7P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APTK2012RWC/Z-F01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC-E KINGBRIGHT-APT2012ZGC-E Datasheet
277Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SYCK TO-GRACE-AP2012SYCK Datasheet
1Mb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com