Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMIC Datasheet(PDF) 1 Page - Speco Technologies.

Part # CAMMIC
Description  High Impedance Line Level Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CAMMIC Datasheet(HTML) 1 Page - Speco Technologies.

  CAMMIC Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The CAMMIC is a unique microphone from Speco Technologies in that it can be connected
to a line level input on an amplifier or DVR instead of a microphone level input. This provides
great flexibility on units that have all microphone inputs occupied or that don’t have a microphone
input at all. It’s especially ideal for recording channel specific audio on DVRs with that capability.
•Add-on mini microphone for all applications
•High sensitivity
•Power/audio cable
•Easy to install and ideal for all security surveillance voice recording applications
•Unique line level output
•12VDC operation (not included)
•NDAA Compliant*
High Impedance Line Level Microphone
CAMMIC
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/20/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Specifications
Type
Condenser
Weight
0.1 lbs.
Impedance
10K Ohms
Sensitivity
-62dB ± 3dB
Vcc
1.5k Ohms
Frequency Range
20Hz ~ 16kHz
Directivity
Omni-directional
Audio Output
Max 2Vp-p
Power Consumption
10mA
Optional Accessories
PSW5
12VDC
Power Supply
1.5’ cable
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CAMMIC

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
CAMMIC2 SPECO-CAMMIC2 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
CAMMIC3.5 SPECO-CAMMIC3.5 Datasheet
292Kb / 1P
Line Level Microphone with 3.5mm Jack For Use With IP Cameras
11/14/22
CAMMICW SPECO-CAMMICW Datasheet
460Kb / 1P
Weather-Resistant Line Level Microphone
1/20/22
More results

Similar Description - CAMMIC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD5747T6J NEC-UPD5747T6J Datasheet
70Kb / 6P
LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
logo
Renesas Technology Corp
UPD5758T6J RENESAS-UPD5758T6J Datasheet
182Kb / 7P
Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
UPD5759T6J RENESAS-UPD5759T6J Datasheet
202Kb / 7P
Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
logo
Toshiba Semiconductor
2SK208-Y TOSHIBA-2SK208-Y Datasheet
304Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
logo
Renesas Technology Corp
PD5747T6J RENESAS-PD5747T6J Datasheet
198Kb / 8P
LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5742T6J RENESAS-PD5742T6J Datasheet
201Kb / 9P
LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5741T6J RENESAS-PD5741T6J Datasheet
201Kb / 9P
LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5758T6J RENESAS-PD5758T6J_15 Datasheet
193Kb / 7P
Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
PD5759T6J RENESAS-PD5759T6J_15 Datasheet
213Kb / 7P
Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
logo
Keysight Technologies
W2307EP KEYSIGHT-W2307EP Datasheet
754Kb / 2P
Controlled Impedance Line Designer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com