Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMIC2 Datasheet(PDF) 1 Page - Speco Technologies.

Part # CAMMIC2
Description  Surface Mount Line Level Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CAMMIC2 Datasheet(HTML) 1 Page - Speco Technologies.

  CAMMIC2 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Can be wall or ceiling mounted
•Designed for indoor spaces
•Ideal pickup range of 10 to 120 square feet
•Gain control to increase or reduce pick-up sensitivity
•High-fidelity, high sensitivity, high bandwidth, and
low noise.
•Built-in high-speed voice processing with dynamic
noise reduction.
•Built-in self-gain control AGC processing circuit
which effectively minimizes speech signal distortion
and attenuation.
•Built-in lightning protection with reverse polarity
power protection and power protection module.
•Integrated professional audio pre-amplification
processing circuit to directly drive active speakers,
hard disk recordings, headphones, etc.
•Long-range audio signal transmission technology
•2 year warranty
•NDAA Compliant*
Surface Mount Line Level Microphone
CAMMIC2 15”cable
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/19/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Specifications
Range
10 - 120 ft.²
Sensitivity
-43dB @ 1000 Hz
S/N
Max 65dB
Operating Voltage
9 - 12VDC, 25mA (max) (not included)
Dimensions
3.4” (W) x 1” (H)
Connection Mode
Red (power), white (RCA audio)
Sensitivity Adjustment
On board, accessed through cutout on back of unit
Optional Accessory
PSW5
12VDC
Power Supply
YEAR
ARRANT
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CAMMIC2

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
256Kb / 1P
High Impedance Line Level Microphone
1/20/22
CAMMIC3.5 SPECO-CAMMIC3.5 Datasheet
292Kb / 1P
Line Level Microphone with 3.5mm Jack For Use With IP Cameras
11/14/22
CAMMICW SPECO-CAMMICW Datasheet
460Kb / 1P
Weather-Resistant Line Level Microphone
1/20/22
More results

Similar Description - CAMMIC2

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0205HD4H KNOWLES-SPM0205HD4H Datasheet
249Kb / 11P
Digital Surface Mount Silicon Microphone - Halogen Free
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
Amplified Mini Surface Mount Silicon Microphone Halogen Free
logo
Kingbright Corporation
AA3528AVU-AYS KINGBRIGHT-AA3528AVU-AYS Datasheet
316Kb / 7P
SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AQBS-D KINGBRIGHT-AA3528AVU-AQBS-D Datasheet
348Kb / 5P
Single Level Surface Mount CBI
AAA3528AVU-ARBGS-112 KINGBRIGHT-AAA3528AVU-ARBGS-112 Datasheet
438Kb / 9P
SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-SURKCGKCT KINGBRIGHT-AAA3528AVU-SURKCGKCT Datasheet
368Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
Zero Height Surface Mount Silicon Microphone
SP0103BE3 KNOWLES-SP0103BE3 Datasheet
418Kb / 11P
Zero Height Amplified Surface Mount Silicon Microphone
SPM0404HD5-PB KNOWLES-SPM0404HD5-PB Datasheet
806Kb / 10P
Mini Surface Mount Silicon Microphone
logo
Kingbright Corporation
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com