Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMICW Datasheet(PDF) 1 Page - Speco Technologies.

Part # CAMMICW
Description  Weather-Resistant Line Level Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CAMMICW Datasheet(HTML) 1 Page - Speco Technologies.

  CAMMICW Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Constructed out of Aluminum alloy for outdoor use.
• Pickup indoors in rooms up to 120 sq. ft.
• Built-in high-speed voice processing
• Built-in self-gain control AGC processing circuit, which
helps prevent signal distortion
• Built-in lightning protection, reverse polarity power
protection and power protection module
• Integrated pre-amplification processing circuit
• Recommended transmission distance of 25’ – optional
accessory UTPAUDIO is available for transmission up
to one mile over UTP cable
• Requires power supply (not included).
PSW5 is recommended.
•NDAA Compliant*
Weather-Resistant Line Level Microphone
CAMMICW
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/20/22
YEAR
ARRANT
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Specifications
Range
10 ~120 ft.²
Sensitivity
-43dB @ 1000 Hz
S/N
Max 65dB
Operating Voltage
9 - 12VDC, 25mA (max) (not included)
Dimensions
3” diameter x 1” (H) (75*25mm)
Connection Mode
Red (power), black (GND, signal to), white (audio signal)
Optional Accessories
PSW5
12VDC
Power Supply
UTP Audio
Send Audio up to 1
mile over CAT5E
Weather-resistant, Aluminum Alloy Construction-Silver
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CAMMICW

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
256Kb / 1P
High Impedance Line Level Microphone
1/20/22
CAMMIC2 SPECO-CAMMIC2 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
CAMMIC3.5 SPECO-CAMMIC3.5 Datasheet
292Kb / 1P
Line Level Microphone with 3.5mm Jack For Use With IP Cameras
11/14/22
More results

Similar Description - CAMMICW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0228 MOLEX11-130126-0228 Datasheet
49Kb / 1P
Super-Safeway Weather-Resistant Push Button Cover, Single Speed
130126-0229 MOLEX11-130126-0229 Datasheet
49Kb / 1P
Super-Safeway Weather-Resistant Push Button Cover, Two Speed
1301260228 MOLEX11-1301260228 Datasheet
42Kb / 1P
Super-Safeway Weather-Resistant Push Button Cover, Single Speed
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
3M Electronics
225 3M-225 Datasheet
14Kb / 2P
Silver Weather-Resistant Masking Tape
Apr-2004
838 3M-838 Datasheet
14Kb / 2P
Weather Resistant Film Tape
05-Nov-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com